Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HCT245PWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCT245PWR
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCT245PWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74HCT245PWR Datasheet HTML 3Page - Texas Instruments SN74HCT245PWR Datasheet HTML 4Page - Texas Instruments SN74HCT245PWR Datasheet HTML 5Page - Texas Instruments SN74HCT245PWR Datasheet HTML 6Page - Texas Instruments SN74HCT245PWR Datasheet HTML 7Page - Texas Instruments SN74HCT245PWR Datasheet HTML 8Page - Texas Instruments SN74HCT245PWR Datasheet HTML 9Page - Texas Instruments SN74HCT245PWR Datasheet HTML 10Page - Texas Instruments SN74HCT245PWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74HCT245PWRG4
ACTIVE
TSSOP
PW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74HCT245PWT
ACTIVE
TSSOP
PW
20
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74HCT245PWTE4
ACTIVE
TSSOP
PW
20
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74HCT245PWTG4
ACTIVE
TSSOP
PW
20
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SNJ54HCT245FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
SNJ54HCT245J
ACTIVE
CDIP
J
20
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ54HCT245W
ACTIVE
CFP
W
20
1
TBD
Call TI
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
23-Apr-2008
Addendum-Page 2


Similar Part No. - SN74HCT245PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCT245PWR TI-SN74HCT245PWR Datasheet
95Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74HCT245PWR TI-SN74HCT245PWR Datasheet
675Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74HCT245PWR TI1-SN74HCT245PWR Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74HCT245PWR TI-SN74HCT245PWR Datasheet
1Mb / 35P
[Old version datasheet]   SNx4HCT245 Octal Bus Transceivers With 3-State Outputs
REVISED DECEMBER 2022
SN74HCT245PWRE4 TI-SN74HCT245PWRE4 Datasheet
675Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74HCT245PWR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com