Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BADC-AFGA Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # BADC-AFGA
Description  performance oval LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

BADC-AFGA Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button BADC-AFGA Datasheet HTML 2Page - Everlight Electronics Co., Ltd BADC-AFGA Datasheet HTML 3Page - Everlight Electronics Co., Ltd BADC-AFGA Datasheet HTML 4Page - Everlight Electronics Co., Ltd BADC-AFGA Datasheet HTML 5Page - Everlight Electronics Co., Ltd BADC-AFGA Datasheet HTML 6Page - Everlight Electronics Co., Ltd BADC-AFGA Datasheet HTML 7Page - Everlight Electronics Co., Ltd BADC-AFGA Datasheet HTML 8Page - Everlight Electronics Co., Ltd BADC-AFGA Datasheet HTML 9Page - Everlight Electronics Co., Ltd BADC-AFGA Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Technical Data Sheet
5484BN/BADC-AFGA/XR/MS
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 1
Page: 10 of 10
Device Number : DT1-548-046
Prepared date:03-24-2008
Prepared by: Grace Shen
5. Heat Management
Heat management of LEDs must be taken into consideration during the design stage of LED
application. The current should be de-rated appropriately by referring to the de-rating curve
found in each product specification.
The temperature surrounding the LED in the application should be controlled. Please refer
to the data sheet de-rating curve.
6. ESD (Electrostatic Discharge)
Electrostatic discharge (ESD) or surge current (EOS) can damage LEDs.
An ESD wrist strap, ESD shoe strap or antistatic gloves must be worn whenever handling
LEDs.
All devices, equipment and machinery must be properly grounded.
Use ion blower to neutralize the static charge which might have built up on surface of the
LEDs plastic lens as a result of friction between LEDs during storage and handing.
7. Other
Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
These specification sheets include materials protected under copyright of EVERLIGHT
corporation. Please don’t reproduce or cause anyone to reproduce them without
EVERLIGHT’s consent.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http:\\www.everlight.com


Similar Part No. - BADC-AFGA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
BADC-AFHA EVERLIGHT-BADC-AFHA Datasheet
93Kb / 6P
   This precision optical performance oval LED is specifically designed for passenger information signs
More results

Similar Description - BADC-AFGA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
3474AN EVERLIGHT-3474AN Datasheet
118Kb / 10P
   performance oval LED
GADC-AKMA EVERLIGHT-GADC-AKMA Datasheet
117Kb / 10P
   performance oval LED
R3DB-AFGC EVERLIGHT-R3DB-AFGC Datasheet
102Kb / 10P
   performance oval LED
R3DC-AGHC EVERLIGHT-R3DC-AGHC Datasheet
127Kb / 10P
   performance oval LED
GADB-AKMA EVERLIGHT-GADB-AKMA Datasheet
117Kb / 10P
   performance oval LED
R3DB-AGHC EVERLIGHT-R3DB-AGHC Datasheet
102Kb / 10P
   performance oval LED
R3DC-AEFC EVERLIGHT-R3DC-AEFC Datasheet
108Kb / 10P
   performance oval LED
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
Agilent(Hewlett-Packard...
HLMP-RG10 HP-HLMP-RG10 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
logo
Marktech Corporate
C4SMK MARKTECH-C4SMK_15 Datasheet
605Kb / 9P
   Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com