Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2315AL Datasheet(PDF) 9 Page - Pan Jit International Inc.

Part # PT2315AL
Description  2-Channel Audio Processor IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PT2315AL Datasheet(HTML) 9 Page - Pan Jit International Inc.

Back Button PT2315AL Datasheet HTML 5Page - Pan Jit International Inc. PT2315AL Datasheet HTML 6Page - Pan Jit International Inc. PT2315AL Datasheet HTML 7Page - Pan Jit International Inc. PT2315AL Datasheet HTML 8Page - Pan Jit International Inc. PT2315AL Datasheet HTML 9Page - Pan Jit International Inc. PT2315AL Datasheet HTML 10Page - Pan Jit International Inc. PT2315AL Datasheet HTML 11Page - Pan Jit International Inc. PT2315AL Datasheet HTML 12Page - Pan Jit International Inc. PT2315AL Datasheet HTML 13Page - Pan Jit International Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2315A V1.1
- 9 -
December, 2006
2-Channel Audio Processor IC
PT2315A
SPEAKER ATTENUATORS
The table below gives a detailed description of the speaker attenuators data bytes. For example, an
attenuation of 30dB on the Speaker L (Left) is given by 1 0 0 1 1 0 0 0.
MSB
LSB
Function
1
0
0
B1
B0
A2
A1
A0
Speaker L
1
0
1
B1
B0
A2
A1
A0
Speaker R
0
0
0
0
0
0
1
-1.25
0
1
0
-2.5
0
1
1
-3.75
1
0
0
-5
1
0
1
-6.25
1
1
0
-7.5
1
1
1
-8.75
0
0
0
0
1
-10
1
0
-20
1
1
-30
1
1
1
1
1
Mute
LOUDNESS FUNCTION
The following table shows the detailed description of the Loudness Function. For example, when the
Loudness Function is turned ON, the code format is 0 1 0 0 0 0 0 0
MSB
LSB
Function
0
1
0
*
*
L
*
*
Loudness Control
0
Loudness ON
1
Loudness OFF
Note: *=No Effect


Similar Part No. - PT2315AL

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2315 PTC-PT2315 Datasheet
242Kb / 3P
   2-Channel Audio Processor IC?
PT2315-D PTC-PT2315-D Datasheet
242Kb / 3P
   2-Channel Audio Processor IC?
PT2315E PTC-PT2315E Datasheet
173Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2315E PTC-PT2315E Datasheet
172Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2315E-S PTC-PT2315E-S Datasheet
173Kb / 5P
   Stereo Audio Processor for Home TV Audio
More results

Similar Description - PT2315AL

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2315 PTC-PT2315 Datasheet
242Kb / 3P
   2-Channel Audio Processor IC?
PT2313L PTC-PT2313L Datasheet
183Kb / 3P
   4-Channel Audio Processor IC
logo
List of Unclassifed Man...
PT2322 ETC1-PT2322 Datasheet
77Kb / 3P
   6-Channel Audio Processor IC
logo
SHENZHEN FUMAN ELECTRON...
SC2315 FUMAN-SC2315 Datasheet
227Kb / 12P
   Dual channel audio processor IC
logo
Unisonic Technologies
U7313 UTC-U7313 Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
U7313 UTC-U7313_15 Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
logo
Princeton Technology Co...
PT2319 PTC-PT2319 Datasheet
362Kb / 17P
   Audio Processor IC
PT2314 PTC-PT2314 Datasheet
49Kb / 3P
   4-Channel Input Audio Processor IC?
logo
Toshiba Semiconductor
TA1216AN TOSHIBA-TA1216AN Datasheet
574Kb / 18P
   TV-AUDIO PROCESSOR IC
logo
List of Unclassifed Man...
BD3867AS ETC1-BD3867AS Datasheet
201Kb / 2P
   Audio sound processor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com