Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH601-1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SFH601-1
Description  Optocoupler, Phototransistor Output, with Base Connection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH601-1 Datasheet(HTML) 3 Page - Vishay Siliconix

  SFH601-1 Datasheet HTML 1Page - Vishay Siliconix SFH601-1 Datasheet HTML 2Page - Vishay Siliconix SFH601-1 Datasheet HTML 3Page - Vishay Siliconix SFH601-1 Datasheet HTML 4Page - Vishay Siliconix SFH601-1 Datasheet HTML 5Page - Vishay Siliconix SFH601-1 Datasheet HTML 6Page - Vishay Siliconix SFH601-1 Datasheet HTML 7Page - Vishay Siliconix SFH601-1 Datasheet HTML 8Page - Vishay Siliconix SFH601-1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 83663
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.3, 25-Jan-08
3
SFH601
Optocoupler, Phototransistor Output,
with Base Connection
Vishay Semiconductors
Note
Current transfer ratio and collector emitter leakage current by dash number.
Fig. 1 - Linear Operation (Without Saturation)
Fig. 2 - Switching Operation (With Saturation)
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN
TYP.
MAX
UNIT
IC/IF at VCE = 5.0 V
IF = 10 mA
SFH601-1
CTR
40
80
%
SFH601-2
CTR
63
125
%
SFH601-3
CTR
100
200
%
SFH601-4
CTR
160
320
%
IF = 1.0 mA
SFH601-1
CTR
13
30
%
SFH601-2
CTR
22
45
%
SFH601-3
CTR
34
70
%
SFH601-4
CTR
56
90
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
NON-SATURATED
Current
VCC = 5.0 V, RL = 75 Ω
IF
10
mA
Rise time
VCC = 5.0 V, RL = 75 Ω
tr
2.0
µs
Fall time
VCC = 5.0 V, RL = 75 Ω
tf
2.0
µs
Turn-on time
VCC = 5.0 V, RL = 75 Ω
ton
3.0
µs
Turn-off time
VCC = 5.0 V, RL = 75 Ω
toff
2.3
µs
SATURATED
Current
SFH601-1
IF
20
mA
SFH601-2
IF
10
mA
SFH601-3
IF
10
mA
SFH601-4
IF
0.5
mA
Rise time
SFH601-1
tr
2.0
µs
SFH601-2
tr
3.0
µs
SFH601-3
tr
3.0
µs
SFH601-4
tr
4.6
µs
Fall time
SFH601-1
tf
11
µs
SFH601-2
tf
14
µs
SFH601-3
tf
14
µs
SFH601-4
tf
15
µs
Turn-on time
SFH601-1
ton
3.0
µs
SFH601-2
ton
4.2
µs
SFH601-3
ton
4.2
µs
SFH601-4
ton
6.0
µs
Turn-off time
SFH601-1
toff
18
µs
SFH601-2
toff
23
µs
SFH601-3
toff
23
µs
SFH601-4
toff
25
µs
isfh601_01
RL =75 Ω
VCC = 5 V
I C
47
Ω
I F
I F
1k
Ω
VCC =5 V
47
Ω
isfh601_02


Similar Part No. - SFH601-1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH601-1 SIEMENS-SFH601-1 Datasheet
155Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
SFH601-1 SIEMENS-SFH601-1 Datasheet
159Kb / 4P
   TRIOS PHOTOTRANSISTOR OPTOCOUPLER
logo
List of Unclassifed Man...
SFH601-1 ETC1-SFH601-1 Datasheet
67Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
Vishay Siliconix
SFH601-1 VISHAY-SFH601-1 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
logo
ISOCOM COMPONENTS
SFH601-1 ISOCOM-SFH601-1 Datasheet
335Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results

Similar Description - SFH601-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 08-May-08
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.6, 23-Jul-15
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.4, 08-May-08
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
SFH601 VISHAY-SFH601 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 10-Jan-08
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com