Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOL1454 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOL1454
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOL1454 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOL1454 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOL1454 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOL1454 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOL1454 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOL1454 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
Typ
Max
20
25
50
60
RθJC
1.8
2.5
5.0
W
TA=70°C
3.2
W
Junction and Storage Temperature Range
A
PD
°C
60
30
-55 to 175
TC=100°C
ID
Continuous Drain
Current
B
Maximum
Units
Parameter
TC=25°C
H
TC=100°C
40
Maximum Junction-to-Ambient
A
Steady-State
50
48
100
Avalanche Current
C
30
Power Dissipation
A
TA=25°C
PDSM
°C/W
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
±20
Pulsed Drain Current
C
Power Dissipation
B
TC=25°C
Gate-Source Voltage
Drain-Source Voltage
Maximum Junction-to-Case
D
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
A
Repetitive avalanche energy L=0.3mH
C
135
mJ
A
TA=70°C
13
Continuous Drain
Current
A
TA=25°C
IDSM
17
AOL1454
N-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = 40V
ID = 50A (VGS = 10V)
RDS(ON) < 9mΩ (VGS = 10V)
RDS(ON) < 13mΩ (VGS = 4.5V)
ESD Protected
UIS Tested
Rg,Ciss,Coss,Crss Tested
General Description
The AOL1454 uses advanced trench technology to
provide excellent RDS(ON), low gate charge. It is ESD
protected. This device is suitable for use as a low side
switch in SMPS and general purpose applications.
Standard Product AOL1454 is Pb-free (meets ROHS
& Sony 259 specifications).
Ultra
SO-8
TM Top View
Bottom tab
connected to
drain
Fits SOIC8
footprint !
S
G
D
G
D
S
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AOL1454

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOL1454 AOSMD-AOL1454 Datasheet
230Kb / 6P
   N-Channel Enhancement Mode Field Effect Transistor
AOL1454 AOSMD-AOL1454_08 Datasheet
230Kb / 6P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AOL1454

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com