Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS61B23IRHBT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS61B23IRHBT
Description  12-BIT, 80-MSPS ADC WITH BUFFERED ANALOG INPUTS
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS61B23IRHBT Datasheet(HTML) 5 Page - Texas Instruments

  ADS61B23IRHBT Datasheet HTML 1Page - Texas Instruments ADS61B23IRHBT Datasheet HTML 2Page - Texas Instruments ADS61B23IRHBT Datasheet HTML 3Page - Texas Instruments ADS61B23IRHBT Datasheet HTML 4Page - Texas Instruments ADS61B23IRHBT Datasheet HTML 5Page - Texas Instruments ADS61B23IRHBT Datasheet HTML 6Page - Texas Instruments ADS61B23IRHBT Datasheet HTML 7Page - Texas Instruments ADS61B23IRHBT Datasheet HTML 8Page - Texas Instruments ADS61B23IRHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS61B23
SLAS582 – FEBRUARY 2008
Typical values are specified at 25
°C, AVDD= 3.3 V, DRVDD=1.8 to 3.3 V, sampling frequency = 80 MSPS, –1 dBFS
differential analog input (1.8Vpp) , internal reference mode & apply to CMOS and LVDS interfaces, unless otherwise noted.
Min and max values are specified across the full temperature range TMIN = –40°C to TMAX = 85°C at AVDD = 3.3 V, DRVDD =
3.3 V.
ADS61B23
FS = 80 MSPS
PARAMETER
UNIT
MIN
TYP
MAX
RESOLUTION
12
Bits
ANALOG INPUT
Differential input voltage range
2
VPP
Input resistance from each input pin to ground (at dc)
5
k
see Figure 32
Input capacitance from each input pin to ground
< 2
pF
see Figure 33
Analog input bandwidth
> 800
MHz
REFERENCE VOLTAGES
VREFB
Internal reference bottom voltage
1
V
VREFT
Internal reference top voltage
2
V
ΔVREF
Internal reference error (VREFT–VREFB)
–20
± 5
20
mV
DC ACCURACY
No missing codes
Specified
EO
Offset error
–10
± 2
10
mV
Offset error temperature coefficient
0.05
mV/
°C
There are two sources of gain error – internal reference inaccuracy and channel gain error
EGREF
Gain error due to internal reference inaccuracy alone, (
ΔVREF) %
–2
0.25
2
% FS
EGCHAN
Gain error of channel alone(1)
–1
± 0.3
1
% FS
Channel gain error temperature coefficient
0.005
Δ%/
°C
DNL
Differential non-linearity
–0.75
± 0.5
2
LSB
INL
Integral non-linearity
–3
± 1
3
LSB
POWER SUPPLY
IAVDD
Analog supply current
104
mA
Digital supply current, CMOS interface
IDRVDD
DRVDD = 1.8V
4.5
mA
No load capacitance, FIN= 2 MHZ
(2)
Digital supply current, LVDS interface
IDRVDD
DRVDD = 3.3V
42
mA
With 100
Ω external termination
Total power, CMOS
351
475
mW
Global power down
30
60
mW
(1)
This is specified by design and characterization; it is not tested in production.
(2)
In CMOS mode, the DRVDD current scales with the sampling frequency and the load capacitance on output pins (see Figure 26).
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS61B23


Similar Part No. - ADS61B23IRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS61B29 TI-ADS61B29 Datasheet
1Mb / 61P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS61B29 TI-ADS61B29 Datasheet
1Mb / 62P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS61B29IRGZ25 TI-ADS61B29IRGZ25 Datasheet
1Mb / 62P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS61B29IRGZR TI-ADS61B29IRGZR Datasheet
1Mb / 61P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS61B29IRGZR TI-ADS61B29IRGZR Datasheet
1Mb / 62P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
More results

Similar Description - ADS61B23IRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS61JB23 TI-ADS61JB23 Datasheet
1Mb / 45P
[Old version datasheet]   12-Bit Input-Buffered 80 MSPS ADC with JESD204A Output Interface
logo
Analog Devices
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280BF AD-AD13280BF Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
logo
Texas Instruments
VSP5324-Q1 TI1-VSP5324-Q1 Datasheet
1Mb / 59P
[Old version datasheet]   4-Channel, 12-Bit, 80-MSPS ADC
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
Texas Instruments
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com