Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT100KP58A Datasheet(PDF) 4 Page - Microsemi Corporation

Part # RT100KP58A
Description  Preferred 100 kW Transient Voltage Suppressor for AIRCRAFT POWER BUS PROTECTION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

RT100KP58A Datasheet(HTML) 4 Page - Microsemi Corporation

  RT100KP58A Datasheet HTML 1Page - Microsemi Corporation RT100KP58A Datasheet HTML 2Page - Microsemi Corporation RT100KP58A Datasheet HTML 3Page - Microsemi Corporation RT100KP58A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Preferred 100 kW Transient Voltage
Suppressor for AIRCRAFT POWER
BUS PROTECTION
S C O T TS DALE DIVISION
RT100KP33A thru RT100KP400CA, e3
t
Note: frequency is 1MHz
t – time
t – time
t - Time
FIGURE 7 – Waveform 3
FIGURE 8 – Waveform 4
FIGURE 9 – Waveform 5A
NOTE: The 1MHz damped oscillatory waveform (3) has an effective pulse width of 4
μs. Equivalent peak pulse power at each of the pulse widths represented in
RTCA/DO-160E for waveforms 3, 4 and 5A (above) have been determined referencing Figure 1 herein as well as Application Notes 104 and 120 (found on
Microsemi’s website) and are listed below.
WAVEFORM
NUMBER
PULSE WIDTH
μs
PEAK PULSE
POWER
kW
Peak Pulse Current
Conversion Factor *
from Rated IPP
at 6.4/69 µs
3
4
340
3.40x
4
6.4/69
100
1.00x
5A
40/120
70
0.70x
* Multiply by the conversion factor shown with reference to the maximum rated IPP in the Electrical Characteristics Table on page 2.
Note: High current fast rise-time transients of 250 ns or less can more than triple the VC from parasitic inductance effects (V= -Ldi/dt) compared to the
clamping voltage shown in the initial Electrical Characteristics on page 1 as also described in Figures 5 and 6 herein.
Also see MicroNotes 127, 130, and 132 on the Microsemi website (Support section) for further information on Transient
Voltage Suppressors with reference to aircraft industry specification RTCA/DO-160E.
DIMENSIONS
Microsemi
Scottsdale Division
Page 4
Copyright
© 2007
10-03-2007 Rev B
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Similar Part No. - RT100KP58A

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
RT100KP58A MDE-RT100KP58A Datasheet
171Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
RT100KP58A NJSEMI-RT100KP58A Datasheet
99Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
List of Unclassifed Man...
RT100KP58A ETC2-RT100KP58A Datasheet
277Kb / 3P
   Transient Voltage Suppressor
More results

Similar Description - RT100KP58A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
704-15K36P PROTEC-704-15K36P Datasheet
228Kb / 5P
   HIGH POWER AIRCRAFT / VEHCILE DC BUS VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
LTW-593DS MICROSEMI-LTW-593DS Datasheet
191Kb / 3P
   AIRCRAFT AC POWER BUS PROTECTION
logo
Protek Devices
704-15K36 PROTEC-704-15K36_07 Datasheet
68Kb / 3P
   HIGH POWER AIRCRAFT/ VEHICLE DC BUS VOLTAGE SUPPRESSOR
704-15K36 PROTEC-704-15K36_11 Datasheet
453Kb / 6P
   HIGH POWER AIRCRAFT/ VEHCILE DC BUS VOLTAGE SUPPRESSOR
704-15K36 PROTEC-704-15K36 Datasheet
89Kb / 3P
   HIGH POWER AIRCRAFT/VEHICLE DC BUS VOLTAGE SUPPRESSOR
704-15K36 PROTEC-704-15K36_12 Datasheet
455Kb / 6P
   HIGH POWER AIRCRAFT/ VEHCILE DC BUS VOLTAGE SUPPRESSOR
logo
STMicroelectronics
ESDCAN02-2BWY STMICROELECTRONICS-ESDCAN02-2BWY Datasheet
505Kb / 10P
   transient voltage suppressor for CAN bus
September 2015 Rev 2
ESDCAN01-2BLY STMICROELECTRONICS-ESDCAN01-2BLY Datasheet
525Kb / 10P
   transient voltage suppressor for CAN bus
July 2015 Rev 1
THDT6511D STMICROELECTRONICS-THDT6511D_01 Datasheet
126Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
THDT58S1 STMICROELECTRONICS-THDT58S1 Datasheet
79Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com