Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HCT166M96G4 Datasheet(PDF) 4 Page - Texas Instruments

Part # CD74HCT166M96G4
Description  High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT166M96G4 Datasheet(HTML) 4 Page - Texas Instruments

  CD74HCT166M96G4 Datasheet HTML 1Page - Texas Instruments CD74HCT166M96G4 Datasheet HTML 2Page - Texas Instruments CD74HCT166M96G4 Datasheet HTML 3Page - Texas Instruments CD74HCT166M96G4 Datasheet HTML 4Page - Texas Instruments CD74HCT166M96G4 Datasheet HTML 5Page - Texas Instruments CD74HCT166M96G4 Datasheet HTML 6Page - Texas Instruments CD74HCT166M96G4 Datasheet HTML 7Page - Texas Instruments CD74HCT166M96G4 Datasheet HTML 8Page - Texas Instruments CD74HCT166M96G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Quiescent Device
Current
ICC
VCC or
GND
0
6
-
-
8
-
80
-
160
µA
HCT TYPES
High Level Input
Voltage
VIH
-
-
4.5 to
5.5
2-
-
2
-
2
-
V
Low Level Input
Voltage
VIL
-
-
4.5 to
5.5
-
-
0.8
-
0.8
-
0.8
V
High Level Output
Voltage
CMOS Loads
VOH
VIH or
VIL
-0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
High Level Output
Voltage
TTL Loads
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
Low Level Output
Voltage
CMOS Loads
VOL
VIH or
VIL
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
4
4.5
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC to
GND
0
5.5
-
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
5.5
-
-
8
-
80
-
160
µA
Additional Quiescent
Device Current Per
Input Pin: 1 Unit Load
∆ICC
(Note 2)
VCC
-2.1
-
4.5 to
5.5
-
100
360
-
450
-
490
µA
NOTE:
2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications
(Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HCT Input Loading Table
INPUT
UNIT LOADS
DS, D0-D7
0.2
PE
0.35
CP, CE
0.5
MR
0.2
NOTE: Unit Load is
∆ICC limit specified in DC Electrical
Specifications table, e.g., 360
µA max at 25oC.
Prerequisite For Switching Specifications
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
HC TYPES
Clock Frequency
(Figure 1)
fMAX
2
6
-5-4-
MHz
4.5
30
-
25
-
20
-
MHz
6
35
-
29
-
23
-
MHz
CD54HC166, CD74HC166, CD54HCT166, CD74HCT166


Similar Part No. - CD74HCT166M96G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT166M96 TI-CD74HCT166M96 Datasheet
274Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD74HCT166M96E4 TI-CD74HCT166M96E4 Datasheet
274Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
More results

Similar Description - CD74HCT166M96G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC164 TI-CD74HC164 Datasheet
47Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD74HC166 TI-CD74HC166 Datasheet
274Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC164 TI-CD54HC164_08 Datasheet
444Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD54HC165 TI-CD54HC165 Datasheet
261Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC164 TI-CD54HC164 Datasheet
269Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD74HC165 TI-CD74HC165 Datasheet
52Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC164 TI-CD54HC164_07 Datasheet
339Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD54HC165 TI-CD54HC165_07 Datasheet
418Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com