Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS240A-1DWR Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ALS240A-1DWR
Description  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS240A-1DWR Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALS240A-1DWR Datasheet HTML 1Page - Texas Instruments SN74ALS240A-1DWR Datasheet HTML 2Page - Texas Instruments SN74ALS240A-1DWR Datasheet HTML 3Page - Texas Instruments SN74ALS240A-1DWR Datasheet HTML 4Page - Texas Instruments SN74ALS240A-1DWR Datasheet HTML 5Page - Texas Instruments SN74ALS240A-1DWR Datasheet HTML 6Page - Texas Instruments SN74ALS240A-1DWR Datasheet HTML 7Page - Texas Instruments SN74ALS240A-1DWR Datasheet HTML 8Page - Texas Instruments SN74ALS240A-1DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SN54ALS240A, SN54AS240A, SN74ALS240A, SN74AS240A
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SDAS214E – DECEMBER 1982 – REVISED AUGUST 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 3-State Outputs Drive Bus Lines or Buffer
Memory Address Registers
D pnp Inputs Reduce dc Loading
description/ordering information
These
octal
buffers/drivers
are
designed
specifically to improve both the performance and
density of 3-state memory address drivers, clock
drivers,
and
bus-oriented
receivers
and
transmitters. When these devices are used with
the ’ALS241, ’AS241A, ’ALS244, and ’AS244A
devices, the circuit designer has a choice of
selected
combinations
of
inverting
and
noninverting outputs, symmetrical active-low
output-enable (OE) inputs, and complementary
OE and OE inputs. These devices feature high
fan-out and improved fan-in.
The -1 version of SN74ALS240A is identical to the
standard version, except that the recommended
maximum IOL for the -1 version is 48 mA. There is
no -1 version of the SN54ALS240A.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SN74ALS240AN
SN74ALS240AN
PDIP – N
Tube
SN74ALS240A-1N
SN74ALS240A-1N
SN74AS240AN
SN74AS240AN
Tube
SN74ALS240ADW
ALS240A
Tape and reel
SN74ALS240ADWR
ALS240A
SOIC
DW
Tube
SN74ALS240A-1DW
ALS240A 1
0
°C to 70°C
SOIC – DW
Tape and reel
SN74ALS240A-1DWR
ALS240A-1
Tube
SN74AS240ADW
AS240A
Tape and reel
SN74AS240ADWR
AS240A
SOP
NS
Tape and reel
SN74ALS240ANSR
ALS240A
SOP – NS
Tape and reel
SN74ALS240A-1NSR
ALS240A-1
SSOP
DB
Tape and reel
SN74ALS240ADBR
G240A
SSOP – DB
Tape and reel
SN74ALS240A-1DBR
G240A-1
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
SN54ALS240A, SN54AS240A ...J OR W PACKAGE
SN74ALS240A . . . DB, DW, N, OR NS PACKAGE
SN74AS240A . . . DW OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
1Y1
2A4
1Y2
2A3
1Y3
1A2
2Y3
1A3
2Y2
1A4
SN54ALS240A, SN54AS240A . . . FK PACKAGE
(TOP VIEW)
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74ALS240A-1DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS240A-1DWR TI-SN74ALS240A-1DWR Datasheet
537Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ALS240A-1DWR TI-SN74ALS240A-1DWR Datasheet
592Kb / 21P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ALS240A-1DWR TI1-SN74ALS240A-1DWR Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ALS240A-1DWRE4 TI-SN74ALS240A-1DWRE4 Datasheet
537Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ALS240A-1DWRE4 TI-SN74ALS240A-1DWRE4 Datasheet
592Kb / 21P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALS240A-1DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com