Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LVTH541 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN54LVTH541
Description  3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LVTH541 Datasheet(HTML) 2 Page - Texas Instruments

  SN54LVTH541 Datasheet HTML 1Page - Texas Instruments SN54LVTH541 Datasheet HTML 2Page - Texas Instruments SN54LVTH541 Datasheet HTML 3Page - Texas Instruments SN54LVTH541 Datasheet HTML 4Page - Texas Instruments SN54LVTH541 Datasheet HTML 5Page - Texas Instruments SN54LVTH541 Datasheet HTML 6Page - Texas Instruments SN54LVTH541 Datasheet HTML 7Page - Texas Instruments SN54LVTH541 Datasheet HTML 8Page - Texas Instruments SN54LVTH541 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SN54LVTH541, SN74LVTH541
3.3V ABT OCTAL BUFFERS/DRIVERS
WITH 3STATE OUTPUTS
SCBS682G − MARCH 1997 − REVISED OCTOBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
Active bus-hold circuitry holds unused or undriven inputs at a valid logic state. Use of pullup or pulldown resistors
with the bus-hold circuitry is not recommended.
When VCC is between 0 and 1.5 V, the devices are in the high-impedance state during power up or power down.
However, to ensure the high-impedance state above 1.5 V, OE should be tied to VCC through a pullup resistor;
the minimum value of the resistor is determined by the current-sinking capability of the driver.
These devices are fully specified for hot-insertion applications using Ioff and power-up 3-state. The Ioff circuitry
disables the outputs, preventing damaging current backflow through the devices when they are powered down.
The power-up 3-state circuitry places the outputs in the high-impedance state during power up and power down,
which prevents driver conflict.
FUNCTION TABLE
INPUTS
OUTPUT
OE1
OE2
A
OUTPUT
Y
L
L
L
L
L
LH
H
H
XX
Z
X
H
X
Z
logic diagram (positive logic)
OE1
OE2
To Seven Other Channels
A1
Y1
1
19
218


Similar Part No. - SN54LVTH541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH541 TI-SN54LVTH541 Datasheet
310Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH541FK TI-SN54LVTH541FK Datasheet
310Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH541J TI-SN54LVTH541J Datasheet
310Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH541W TI-SN54LVTH541W Datasheet
310Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH541 TI1-SN54LVTH541_16 Datasheet
1Mb / 18P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54LVTH541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH244A TI-SN54LVTH244A Datasheet
691Kb / 20P
[Old version datasheet]   3.3 V ABT OCTAL BUFFERS / DRIVERS WITH 3 STATE OUTPUTS
SN54LVT240A TI-SN54LVT240A Datasheet
110Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH240 TI-SN54LVTH240 Datasheet
99Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH541 TI-SN54LVTH541 Datasheet
310Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH540 TI1-SN54LVTH540_16 Datasheet
885Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH244A TI-SN54LVTH244A_07 Datasheet
952Kb / 22P
[Old version datasheet]   3.3-v abt octal buffers/drivers with 3-state outputs
SN54LVTH543 TI1-SN54LVTH543_16 Datasheet
881Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH240 TI1-SN54LVTH240_16 Datasheet
1Mb / 24P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH241 TI1-SN54LVTH241_16 Datasheet
887Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVTZ240 TI1-SN74LVTZ240 Datasheet
228Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH540 TI-SN54LVTH540 Datasheet
103Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com