Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LVTH573 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54LVTH573
Description  3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LVTH573 Datasheet(HTML) 1 Page - Texas Instruments

  SN54LVTH573_08 Datasheet HTML 1Page - Texas Instruments SN54LVTH573_08 Datasheet HTML 2Page - Texas Instruments SN54LVTH573_08 Datasheet HTML 3Page - Texas Instruments SN54LVTH573_08 Datasheet HTML 4Page - Texas Instruments SN54LVTH573_08 Datasheet HTML 5Page - Texas Instruments SN54LVTH573_08 Datasheet HTML 6Page - Texas Instruments SN54LVTH573_08 Datasheet HTML 7Page - Texas Instruments SN54LVTH573_08 Datasheet HTML 8Page - Texas Instruments SN54LVTH573_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SN54LVTH573, SN74LVTH573
3.3V ABT OCTAL TRANSPARENT DTYPE LATCHES
WITH 3STATE OUTPUTS
SCBS687H − MAY 1997 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Support Mixed-Mode Signal Operation
(5-V Input and Output Voltages With
3.3-V VCC)
D Support Unregulated Battery Operation
Down to 2.7 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Ioff and Power-Up 3-State Support Hot
Insertion
D Bus Hold on Data Inputs Eliminates the
Need for External Pullup/Pulldown
Resistors
D Latch-Up Performance Exceeds 500 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
SN54LVTH573 ...J OR W PACKAGE
SN74LVTH573 . . . DB, DW, NS,
OR PW PACKAGE
(TOP VIEW)
SN54LVTH573 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE
1D
2D
3D
4D
5D
6D
7D
8D
GND
VCC
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
LE
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2Q
3Q
4Q
5Q
6Q
3D
4D
5D
6D
7D
SN74LVTH573 . . . RGY PACKAGE
(TOP VIEW)
120
10
11
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
1D
2D
3D
4D
5D
6D
7D
8D
description/ordering information
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE MARKING
QFN − RGY
Tape and reel
SN74LVTH573RGYR
LXH573
SOIC − DW
Tube
SN74LVTH573DW
LVTH573
SOIC − DW
Tape and reel
SN74LVTH573DWR
LVTH573
SOP − NS
Tape and reel
SN74LVTH573NSR
LVTH573
−40
°C to 85°C
SSOP − DB
Tape and reel
SN74LVTH573DBR
LXH573
−40 C to 85 C
TSSOP − PW
Tube
SN74LVTH573PW
LXH573
TSSOP − PW
Tape and reel
SN74LVTH573PWR
LXH573
VFBGA − GQN
Tape and reel
SN74LVTH573GQNR
LXH573
VFBGA − ZQN (Pb-free)
Tape and reel
SN74LVTH573ZQNR
LXH573
CDIP − J
Tube
SNJ54LVTH573J
SNJ54LVTH573J
−55
°C to 125°C
CFP − W
Tube
SNJ54LVTH573W
SNJ54LVTH573W
−55 C to 125 C
LCCC − FK
Tube
SNJ54LVTH573FK
SNJ54LVTH573FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available
at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN54LVTH573_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH573 TI-SN54LVTH573_07 Datasheet
740Kb / 23P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN54LVTH573_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH573 TI-SN54LVTH573_07 Datasheet
740Kb / 23P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH373 TI-SN54LVTH373_07 Datasheet
472Kb / 16P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH573 TI-SN54LVTH573 Datasheet
94Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVT573 TI-SN54LVT573 Datasheet
470Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH373 TI-SN54LVTH373 Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH373 TI-SN54LVTH373_08 Datasheet
642Kb / 18P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74LVTH573 TI-SN74LVTH573 Datasheet
449Kb / 18P
[Old version datasheet]   3.3V ABT OCTAL TRANSPARENT D TYPE LATCHES WITH 3 STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_08 Datasheet
507Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74LVTH373-EP TI1-SN74LVTH373-EP Datasheet
442Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_07 Datasheet
398Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com