Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS240ANSR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALS240ANSR
Description  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS240ANSR Datasheet(HTML) 4 Page - Texas Instruments

  SN74ALS240ANSR Datasheet HTML 1Page - Texas Instruments SN74ALS240ANSR Datasheet HTML 2Page - Texas Instruments SN74ALS240ANSR Datasheet HTML 3Page - Texas Instruments SN74ALS240ANSR Datasheet HTML 4Page - Texas Instruments SN74ALS240ANSR Datasheet HTML 5Page - Texas Instruments SN74ALS240ANSR Datasheet HTML 6Page - Texas Instruments SN74ALS240ANSR Datasheet HTML 7Page - Texas Instruments SN74ALS240ANSR Datasheet HTML 8Page - Texas Instruments SN74ALS240ANSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SN54ALS240A, SN54AS240A, SN74ALS240A, SN74AS240A
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SDAS214E – DECEMBER 1982 – REVISED AUGUST 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low level input voltage
SN54ALS240A
0.7
V
VIL
Low-level input voltage
SN74ALS240A, ’AS240A
0.8
V
IOH
High level output current
SN54ALS240A, SN54AS240A
– 12
mA
IOH
High-level output current
SN74ALS240A, SN74AS240A
– 15
mA
SN54ALS240A
12
SN74ALS240A
24
IOL
Low-level output current
SN74ALS240A
48†
mA
SN54AS240A
48
SN74AS240A
64
TA
Operating free-air temperature
SN54ALS240A, SN54AS240A
– 55
125
°C
TA
O erating free-air tem erature
SN74ALS240A, SN74AS240A
0
70
°C
† Applies only to the -1 version and only if VCC is between 4.75 V and 5.25 V
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS240A
SN74ALS240A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
– 1.2
V
VCC = 4.5 V to 5.5 V,
IOH = – 0.4 mA
VCC – 2
VCC – 2
VOH
IOH = – 3 mA
2.4
3.2
2.4
3.2
V
VOH
VCC = 4.5 V
IOH = – 12 mA
2
V
IOH = – 15 mA
2
IOL = 12 mA
0.25
0.4
0.25
0.4
VOL
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
IOL = 48 mA†
0.35
0.5
IOZH
VCC = 5.5 V,
VO = 2.7 V
20
20
µA
IOZL
VCC = 5.5 V,
VO = 0.4 V
– 20
– 20
µA
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
– 0.1
– 0.1
mA
IO§
VCC = 5.5 V,
VO = 2.25 V
– 20
– 112
– 30
– 112
mA
Outputs high
4
11
4
11
ICC
VCC = 5.5 V
Outputs low
13
23
13
23
mA
Outputs disabled
14
25
14
25
† Applies only to the -1 version and only if VCC is between 4.75 V and 5.25 V
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ The output conditions have been chosen to produce a current that closely approximates one-half of the true short-circuit output current, IOS.


Similar Part No. - SN74ALS240ANSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS240ANSR TI-SN74ALS240ANSR Datasheet
537Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ALS240ANSR TI-SN74ALS240ANSR Datasheet
592Kb / 21P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ALS240ANSR TI1-SN74ALS240ANSR Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ALS240ANSRE4 TI-SN74ALS240ANSRE4 Datasheet
537Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ALS240ANSRE4 TI-SN74ALS240ANSRE4 Datasheet
592Kb / 21P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALS240ANSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com