Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7343-2SURC Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 7343-2SURC
Description  Light Emitting Diode (5 mm Round LED,T-1 3/4)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

7343-2SURC Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  7343-2SURC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 7343-2SURC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 7343-2SURC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 7343-2SURC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 7343-2SURC Datasheet HTML 5Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
Light Emitting Diode
(5 mm Round LED,T-1 3/4)
7343-2SURC/S400-AX
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 3 of 5
Device No:DLE-734-083
Prepared date:09-02-2005
Prepared by:Grace Shen
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol Condition Chip Rank
Min.
Typ.
Max.
Units
Forward Voltage
VF
IF=20mA
--
--
2.0
2.4
V
Reverse Current
IR
VR=5V
--
--
--
10
μA
A6
1000
1600
--
A7
1250
2000
--
Luminous Intensity
IV
IF=20mA
A8
1600
2500
--
mcd
Viewing Angle
2θ1/2
IF=20mA
--
--
25
--
deg
Peak Wavelength
λp
IF=20mA
--
--
632
--
nm
Dominant Wavelength
λd
IF=20mA
--
--
624
--
nm
Spectrum Radiation
Bandwidth
Δλ
IF=20mA
--
--
20
--
nm
*7343-2SURC/S400-AX
Chip Rank
Typical Electro-Optical Characteristics Curves


Similar Part No. - 7343-2SURC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
7343-2SURC EVERLIGHT-7343-2SURC Datasheet
95Kb / 6P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
7343-2SURC EVERLIGHT-7343-2SURC Datasheet
93Kb / 6P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
7343-2SURC EVERLIGHT-7343-2SURC Datasheet
92Kb / 5P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
7343-2SURC-H2-S400-AX EVERLIGHT-7343-2SURC-H2-S400-AX Datasheet
92Kb / 5P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
7343-2SURC-H2-S530-AX EVERLIGHT-7343-2SURC-H2-S530-AX Datasheet
93Kb / 6P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
More results

Similar Description - 7343-2SURC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
7383-Y5C3-APSB EVERLIGHT-7383-Y5C3-APSB Datasheet
126Kb / 8P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
7343-2UYC EVERLIGHT-7343-2UYC Datasheet
91Kb / 5P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
A2C1-AUYB EVERLIGHT-A2C1-AUYB Datasheet
110Kb / 7P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
7343-2SURC-H2-S530-AX EVERLIGHT-7343-2SURC-H2-S530-AX Datasheet
93Kb / 6P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
Y2C1-ASWB EVERLIGHT-Y2C1-ASWB Datasheet
117Kb / 7P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
7343-2SURC-S530-AX EVERLIGHT-7343-2SURC-S530-AX Datasheet
95Kb / 6P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
7343-2UYC-H2 EVERLIGHT-7343-2UYC-H2 Datasheet
91Kb / 5P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
7343-2USOC-S400-AX EVERLIGHT-7343-2USOC-S400-AX Datasheet
91Kb / 5P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
7343-2SURC-H2-S400-AX EVERLIGHT-7343-2SURC-H2-S400-AX Datasheet
92Kb / 5P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
A2C1-ASWB EVERLIGHT-A2C1-ASWB Datasheet
132Kb / 7P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com