Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVCH162830 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALVCH162830
Description  1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH162830 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74ALVCH162830 Datasheet HTML 3Page - Texas Instruments SN74ALVCH162830 Datasheet HTML 4Page - Texas Instruments SN74ALVCH162830 Datasheet HTML 5Page - Texas Instruments SN74ALVCH162830 Datasheet HTML 6Page - Texas Instruments SN74ALVCH162830 Datasheet HTML 7Page - Texas Instruments SN74ALVCH162830 Datasheet HTML 8Page - Texas Instruments SN74ALVCH162830 Datasheet HTML 9Page - Texas Instruments SN74ALVCH162830 Datasheet HTML 10Page - Texas Instruments SN74ALVCH162830 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MECHANICAL DATA
MTSS005D – JANUARY 1995 – REVISED MARCH 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DBB (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040212 / E 03/02
80 PINS SHOWN
0,25
Gage Plane
6,00
6,20
8,30
7,90
0,75
0,45
Seating Plane
100
20,90
20,70
41
0,23
0,13
40
A
80
1
0,15
80
DIM
A MAX
A MIN
PINS**
1,20 MAX
17,10
16,90
0,08
0,40
M
0,07
0
°–8°
0,05
0,20
0,09
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Falls within JEDEC : 80 Pin – MO-153 Variation FF
100 Pin – MO-194 Variation BB


Similar Part No. - SN74ALVCH162830

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162830 TI-SN74ALVCH162830 Datasheet
112Kb / 8P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162830DBB TI-SN74ALVCH162830DBB Datasheet
112Kb / 8P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162830GR TI-SN74ALVCH162830GR Datasheet
112Kb / 8P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCH162830

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVCH162830 HITACHI-HD74ALVCH162830 Datasheet
55Kb / 11P
   1-bit to 2-bit Address Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH162830 TI-SN74ALVCH162830 Datasheet
112Kb / 8P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16830 HITACHI-HD74ALVCH16830 Datasheet
52Kb / 11P
   1-bit to 2-bit Address Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCHS162830 TI1-SN74ALVCHS162830_08 Datasheet
303Kb / 12P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
74ALVCHS162830A TI1-74ALVCHS162830A_09 Datasheet
286Kb / 9P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
74ALVCHS162830A TI-74ALVCHS162830A Datasheet
136Kb / 8P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCHS162830 TI-SN74ALVCHS162830 Datasheet
97Kb / 7P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH162830 RENESAS-HD74ALVCH162830 Datasheet
2Mb / 11P
   1-bit to 2-bit Address Driver with 3-state Outputs
logo
Hitachi Semiconductor
HD74ALVCHS162830 HITACHI-HD74ALVCHS162830 Datasheet
57Kb / 11P
   1-bit to 2-bit Address Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16344 TI-SN74ALVCH16344_07 Datasheet
283Kb / 12P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com