Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S400-AX Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # S400-AX
Description  Light Emitting Diode (5 mm Round LED,T-1 3/4)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

S400-AX Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  S400-AX Datasheet HTML 1Page - Everlight Electronics Co., Ltd S400-AX Datasheet HTML 2Page - Everlight Electronics Co., Ltd S400-AX Datasheet HTML 3Page - Everlight Electronics Co., Ltd S400-AX Datasheet HTML 4Page - Everlight Electronics Co., Ltd S400-AX Datasheet HTML 5Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
Light Emitting Diode
(5 mm Round LED,T-1 3/4)
7343-2SURC/H2/S400-AX
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 2 of 5
Device No:DLE-734-084
Prepared date:09-02-2005
Prepared by:Grace Shen
Package Dimensions
Notes:
․All dimensions are in millimeters , tolerance is 0.25mm except being specified.
․Lead spacing is measured where the lead emerges from the package.
․Protruded resin under flange is 1.5mm Max LED.
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Units
Forward Current
IF
50
mA
Pulse Forward Current
*1
IFP
200
mA
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Electrostatic
Discharge
ESD
2000
V
Soldering Temperature
*2
Tsol
260 ±5
Power Dissipation
Pd
120
mW
Reverse Voltage
VR
5
V
Notes: *1:IFP Conditions--Pulse Width≦10msec and Duty≦1/10.


Similar Part No. - S400-AX

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
S400-AX EVERLIGHT-S400-AX Datasheet
91Kb / 5P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
S400-AX EVERLIGHT-S400-AX Datasheet
91Kb / 5P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
S400-AX EVERLIGHT-S400-AX Datasheet
91Kb / 5P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
S400-AX EVERLIGHT-S400-AX Datasheet
91Kb / 5P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
More results

Similar Description - S400-AX

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
7383-Y5C3-APSB EVERLIGHT-7383-Y5C3-APSB Datasheet
126Kb / 8P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
7343-2UYC EVERLIGHT-7343-2UYC Datasheet
91Kb / 5P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
A2C1-AUYB EVERLIGHT-A2C1-AUYB Datasheet
110Kb / 7P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
7343-2SURC-S400-AX EVERLIGHT-7343-2SURC-S400-AX Datasheet
91Kb / 5P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
7343-2SURC-H2-S530-AX EVERLIGHT-7343-2SURC-H2-S530-AX Datasheet
93Kb / 6P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
Y2C1-ASWB EVERLIGHT-Y2C1-ASWB Datasheet
117Kb / 7P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
7343-2SURC-S530-AX EVERLIGHT-7343-2SURC-S530-AX Datasheet
95Kb / 6P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
7343-2UYC-H2 EVERLIGHT-7343-2UYC-H2 Datasheet
91Kb / 5P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
7343-2USOC-S400-AX EVERLIGHT-7343-2USOC-S400-AX Datasheet
91Kb / 5P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
A2C1-ASWB EVERLIGHT-A2C1-ASWB Datasheet
132Kb / 7P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com