Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBT6800ADW Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74CBT6800ADW
Description  10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT6800ADW Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74CBT6800ADW Datasheet HTML 5Page - Texas Instruments SN74CBT6800ADW Datasheet HTML 6Page - Texas Instruments SN74CBT6800ADW Datasheet HTML 7Page - Texas Instruments SN74CBT6800ADW Datasheet HTML 8Page - Texas Instruments SN74CBT6800ADW Datasheet HTML 9Page - Texas Instruments SN74CBT6800ADW Datasheet HTML 10Page - Texas Instruments SN74CBT6800ADW Datasheet HTML 11Page - Texas Instruments SN74CBT6800ADW Datasheet HTML 12Page - Texas Instruments SN74CBT6800ADW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MECHANICAL DATA
MSSO002E – JANUARY 1995 – REVISED DECEMBER 2001
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DB (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
4040065 /E 12/01
28 PINS SHOWN
Gage Plane
8,20
7,40
0,55
0,95
0,25
38
12,90
12,30
28
10,50
24
8,50
Seating Plane
9,90
7,90
30
10,50
9,90
0,38
5,60
5,00
15
0,22
14
A
28
1
20
16
6,50
6,50
14
0,05 MIN
5,90
5,90
DIM
A MAX
A MIN
PINS **
2,00 MAX
6,90
7,50
0,65
M
0,15
0
°–8°
0,10
0,09
0,25
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-150


Similar Part No. - SN74CBT6800ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT6800ADW TI-SN74CBT6800ADW Datasheet
56Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800ADW TI1-SN74CBT6800ADW Datasheet
858Kb / 14P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800ADWR TI1-SN74CBT6800ADWR Datasheet
858Kb / 14P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
More results

Similar Description - SN74CBT6800ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT6800A TI-SN74CBT6800A Datasheet
56Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800A TI1-SN74CBT6800A_16 Datasheet
858Kb / 14P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CB3Q6800 TI1-SN74CB3Q6800_15 Datasheet
853Kb / 17P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Pericom Semiconductor C...
PI5C6800C PERICOM-PI5C6800C Datasheet
370Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
PI5C6800 PERICOM-PI5C6800 Datasheet
353Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
logo
Integrated Device Techn...
IDT74FST6800 IDT-IDT74FST6800 Datasheet
57Kb / 5P
   10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
IDT74FST6800 IDT-IDT74FST6800_15 Datasheet
100Kb / 5P
   10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Renesas Technology Corp
IDT74FST6800 RENESAS-IDT74FST6800 Datasheet
273Kb / 6P
   10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
APRIL 2015
logo
Texas Instruments
SN74CBT16800 TI1-SN74CBT16800 Datasheet
71Kb / 5P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBTS6800 TI-SN74CBTS6800 Datasheet
57Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND SCHOTTKY DIODE CLAMPING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com