Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC40105MG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74HC40105MG4
Description  High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC40105MG4 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC40105MG4 Datasheet HTML 1Page - Texas Instruments CD74HC40105MG4 Datasheet HTML 2Page - Texas Instruments CD74HC40105MG4 Datasheet HTML 3Page - Texas Instruments CD74HC40105MG4 Datasheet HTML 4Page - Texas Instruments CD74HC40105MG4 Datasheet HTML 5Page - Texas Instruments CD74HC40105MG4 Datasheet HTML 6Page - Texas Instruments CD74HC40105MG4 Datasheet HTML 7Page - Texas Instruments CD74HC40105MG4 Datasheet HTML 8Page - Texas Instruments CD74HC40105MG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS222C
Features
• Independent Asynchronous Inputs and Outputs
• Expandable in Either Direction
• Reset Capability
• Status Indicators on Inputs and Outputs
• Three-State Outputs
• Shift-Out Independent of Three-State Control
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Applications
• Bit-Rate Smoothing
• CPU/Terminal Buffering
• Data Communications
• Peripheral Buffering
• Line Printer Input Buffers
• Auto-Dialers
• CRT Buffer Memories
• Radar Data Acquisition
Description
The ’HC40105 and ’HCT40105 are high-speed silicon-gate
CMOS devices that are compatible, except for “shift-out”
circuitry, with the CD40105B. They are low-power first-in-out
(FIFO) “elastic” storage registers that can store 16 four-bit
words. The 40105 is capable of handling input and output
data at different shifting rates. This feature makes it
particularly useful as a buffer between asynchronous
systems.
Each work position in the register is clocked by a control flip-
flop, which stores a marker bit. A “1” signifies that the posi-
tion’s data is filled and a “0” denotes a vacancy in that posi-
tion. The control flip-flop detects the state of the preceding
flip-flop and communicates its own status to the succeeding
flip-flop. When a control flip-flop is in the “0” state and sees a
“1” in the preceeding flip-flop, it generates a clock pulse that
transfers data from the preceding four data latches into its
own four data latches and resets the preceding flip-flop to
“0”. The first and last control flip-flops have buffered outputs.
Since all empty locations “bubble” automatically to the input
end, and all valid data ripple through to the output end, the
status of the first control flip-flop (DATA-IN READY) indicates
if the FIFO is full, and the status of the last flip-flop (DATA-
OUT READY) indicates if the FIFO contains data. As the
earliest data are removed from the bottom of the data stack
(the output end), all data entered later will automatically
propagate (ripple) toward the output.
Ordering Information
PART NUMBER
TEMP. RANGE (oC)
PACKAGE
CD54HC40105F3A
-55 to 125
16 Ld CERDIP
CD54HCT40105F3A
-55 to 125
16 Ld CERDIP
CD74HC40105E
-55 to 125
16 Ld PDIP
CD74HC40105M
-55 to 125
16 Ld SOIC
CD74HC40105MT
-55 to 125
16 Ld SOIC
CD74HC40105M96
-55 to 125
16 Ld SOIC
CD74HCT40105E
-55 to 125
16 Ld PDIP
CD74HCT40105M
-55 to 125
16 Ld SOIC
CD74HCT40105MT
-55 to 125
16 Ld SOIC
CD74HCT40105M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel
of 250.
February 1998 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC40105, CD74HC40105,
CD54HCT40105, CD74HCT40105
High-Speed CMOS Logic
4-Bit x 16-Word FIFO Register
[ /Title
(CD74
HC401
05,
CD74
HCT40
105)
/Sub-
ject
(High
Speed
CMOS


Similar Part No. - CD74HC40105MG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC40105MG4 TI-CD74HC40105MG4 Datasheet
461Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
More results

Similar Description - CD74HC40105MG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC40105 TI-CD54HC40105_07 Datasheet
461Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD54HC40105 TI-CD54HC40105 Datasheet
318Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HC40105 TI-CD74HC40105 Datasheet
82Kb / 14P
[Old version datasheet]   High Speed CMOS Logic 4-Bit x 16-Word FIFO Register
logo
NXP Semiconductors
74HC40105 PHILIPS-74HC40105 Datasheet
200Kb / 25P
   4-bit x 16-word FIFO register
1998 Jan 23
logo
Toshiba Semiconductor
TC74HC40105AP TOSHIBA-TC74HC40105AP Datasheet
467Kb / 11P
   4 Bit 횞 16 Word FIFO Register
logo
NXP Semiconductors
74HC7403 PHILIPS-74HC7403 Datasheet
163Kb / 28P
   4-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
   4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
logo
Texas Instruments
CD74HC195 TI-CD74HC195 Datasheet
42Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_06 Datasheet
341Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_08 Datasheet
632Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com