Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7324-15SUGC Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # 7324-15SUGC
Description  5.0mm Round Type LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

7324-15SUGC Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  7324-15SUGC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 7324-15SUGC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 7324-15SUGC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 7324-15SUGC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 7324-15SUGC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 7324-15SUGC Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical Data Sheet
5.0mm Round Type LED Lamps
Package Dimensions
Notes: 1. All dimensions are in millimetres
2. The height of flange must be less than 1.5mm(0.059").
3. Without special declared,the tolerance is±0.25mm.
█ Absolute Maximum Ratings at Ta = 25℃
Parameter
Symbol
Rating
Unit
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-40 to +100
ESD
150
V
Soldering Temperature
Tsol
260 ± 5
Power Dissipation
Pd
110
mW
Reverse Voltage
VR
5V
Note: *1:Soldering time ≦ 5 seconds.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
1
Page: 2 of 6
Device Number :
CDLE-732-010
Prepared date:
Prepared by:
Xiuzhen Feng
7324-15SUGC/S400-A5
Electrostatic Discharge
2006/4/28


Similar Part No. - 7324-15SUGC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
7324-15SUBC EVERLIGHT-7324-15SUBC Datasheet
86Kb / 6P
   5.0mm Round Type LED Lamps
7324-15SUBC-S400-X9 EVERLIGHT-7324-15SUBC-S400-X9 Datasheet
86Kb / 6P
   5.0mm Round Type LED Lamps
7324-15SUBC/S400-X9 EVERLIGHT-7324-15SUBC/S400-X9 Datasheet
86Kb / 6P
   5.0mm Round Type LED Lamps
7324-15SURC EVERLIGHT-7324-15SURC Datasheet
106Kb / 6P
   5.0mm Round Type LED Lamps
7324-15SURC-S400-A6 EVERLIGHT-7324-15SURC-S400-A6 Datasheet
106Kb / 6P
   5.0mm Round Type LED Lamps
More results

Similar Description - 7324-15SUGC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
7343-2SYGD-S530-E3 EVERLIGHT-7343-2SYGD-S530-E3 Datasheet
118Kb / 6P
   5.0mm Round Type LED Lamps
1383SDRD-S530-A3 EVERLIGHT-1383SDRD-S530-A3 Datasheet
123Kb / 6P
   5.0mm Round Type LED Lamps
1383SURT-S530-A3 EVERLIGHT-1383SURT-S530-A3 Datasheet
105Kb / 6P
   5.0mm Round Type LED Lamps
333-2SURC-S530-A2 EVERLIGHT-333-2SURC-S530-A2 Datasheet
72Kb / 4P
   5.0mm Round Type LED Lamps
383-2SUBC EVERLIGHT-383-2SUBC Datasheet
98Kb / 6P
   5.0mm Round Type LED Lamps
383-2SUBC-C470 EVERLIGHT-383-2SUBC-C470 Datasheet
95Kb / 6P
   5.0mm Round Type LED Lamps
383-2SUBC-C470-S400 EVERLIGHT-383-2SUBC-C470-S400 Datasheet
123Kb / 7P
   5.0mm Round Type LED Lamps
383-2SUGC-S400-A5 EVERLIGHT-383-2SUGC-S400-A5 Datasheet
117Kb / 7P
   5.0mm Round Type LED Lamps
383-2SUGC-S400-A7 EVERLIGHT-383-2SUGC-S400-A7 Datasheet
94Kb / 6P
   5.0mm Round Type LED Lamps
383-2SURC-S530-A4 EVERLIGHT-383-2SURC-S530-A4 Datasheet
97Kb / 6P
   5.0mm Round Type LED Lamps
383-2USOC-S400-A7 EVERLIGHT-383-2USOC-S400-A7 Datasheet
95Kb / 6P
   5.0mm Round Type LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com