Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6324-15SURC-S400-A5 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 6324-15SURC-S400-A5
Description  4.6mm Round Type LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

6324-15SURC-S400-A5 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  6324-15SURC-S400-A5 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 6324-15SURC-S400-A5 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 6324-15SURC-S400-A5 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 6324-15SURC-S400-A5 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 6324-15SURC-S400-A5 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 6324-15SURC-S400-A5 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Technical Data Sheet
4.6mm Round Type LED Lamps
Electro-Optical Characteristics (Ta=25℃)
Symbol
Min.
Typ.
Max.
Unit
VF
IF=
20
mA
2.0
2.4
V
IR
VR=
5
V
10
μA
Iv
IF=
20
mA
63
125
mcd
2θ1/2
IF=
20
mA
80
deg
λp
IF=
20
mA
632
nm
λd
IF=
20
mA
624
nm
△λ
IF=
20
mA
20
nm
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
1
Page: 3 of 6
Device Number : CDLE-632-024
Prepared date:
Prepared by: Xiuzen Feng
6324-15SURC/S400-A5
Condition
Parameter
2006/2/15
Peak Wavelength
Dominant Wavelength
Spectrum Radiation
Bandwidth
Forward Voltage
Reverse Current
Luminous Intensity
Viewing Angle


Similar Part No. - 6324-15SURC-S400-A5

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
6324-15SURC-S400-A9 EVERLIGHT-6324-15SURC-S400-A9 Datasheet
99Kb / 6P
   4.6mm Round Type LED Lamps
More results

Similar Description - 6324-15SURC-S400-A5

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
6324-15SURC-S400-A9 EVERLIGHT-6324-15SURC-S400-A9 Datasheet
99Kb / 6P
   4.6mm Round Type LED Lamps
6324-15SUBC-S400-X10 EVERLIGHT-6324-15SUBC-S400-X10 Datasheet
99Kb / 6P
   4.6mm Round Type LED Lamps
6324-15SUGC-S400-A5 EVERLIGHT-6324-15SUGC-S400-A5 Datasheet
125Kb / 6P
   4.6mm Round Type LED Lamps
6324-15SUBC-S400-X10 EVERLIGHT-6324-15SUBC-S400-X10 Datasheet
99Kb / 6P
   4.6mm Round Type LED Lamps
6324-15SUBC-S400-X9 EVERLIGHT-6324-15SUBC-S400-X9 Datasheet
111Kb / 6P
   4.6mm Round Type LED Lamps
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LUY2040 LIGITEK-LUY2040 Datasheet
103Kb / 5P
   ROUND TYPE LED LAMPS
LDBK12740 LIGITEK-LDBK12740 Datasheet
70Kb / 5P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com