Part Name
         Description
TLC5946

 16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction ( 35 Page)


TI
100% 
Zoom Out Zoom In
 6 page
background image
FUNCTIONAL BLOCK DIAGRAM
XHALF
XLAT
GSCLK
VCC
BLANK
IREF
GND
GND
16
96
2
16
96
OUT0
OUT1
OUT14
OUT15
Grayscale
Counter
Reference
Current
Control
LEDOpenDetection(LOD)
ConstantCurrentDriverwithDotCorrection
DotCorrectionDataLatch
(6Bits
16Channels)
´
12-BitPWMTimingControl
XLAT
Control
GSDataLatch
(OUT0toOUT7)
0
95
MSB
LSB
0
95
MSB
LSB
16
16
96
ShiftRegister
(96Bits)
96
96
GSDataLatch
(OUT8toOUT15)
96
FourGroupedOutputDelay
MODE
¼
MODE,XHALF
SCLK
2
SCLK
Control
LOD
DataLatch
SIN
SOUT
XERR
MODE,XHALF
2
MODE,XHALF
2
MODE,XHALF
SIN
Control
96
191
MSB
LSB
ShiftRegister
(96Bits)
SOUT
Control
3
BLANK,XLAT,SCLK
XERR
Control
Thermal
Detection
33rdGSCLK
SLVS824A – MARCH 2008 – REVISED APRIL 2008 ......................................................................................................................................................... www.ti.com
6
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5946
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLC594216-Channel 12-Bit PWM LED Driver with 7-Bit Dot Correction 1 2 3 4 5 MoreTexas Instruments
AS111216-Channel LED Driver with Dot Correction and Greyscale PWM 1 2 austriamicrosystems AG
TLC594516-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL 1 2 3 4 5 MoreTexas Instruments
TLC594316-Channel 16-Bit PWM LED Driver with 7-Bit Global Brightness Control 1 2 3 4 5 MoreTexas Instruments
WT50608-bit μC with UART 12-bit A/D Converter PWM and 16 x4 LCD Driver 1 2 3 4 5 List of Unclassifed Manufacturers
MAX16804High-Voltage 350mA LED Driver with Analog and PWM Dimming Control 1 2 3 4 5 MoreMaxim Integrated Products
TPS61160White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series 1 2 3 4 5 MoreTexas Instruments
TPS7510X_08Low Dropout Two-Bank LED Driver with PWM Brightness Control 1 2 3 4 5 MoreTexas Instruments
WT50F68-BIT UC WITH UART 12-BIT A/D CONVERTER PWM AND 16*4 LCD DRIVER 1 2 3 4 5 Weltrend Semiconductor
ISL97634White LED Driver with Wide PWM Dimming Range 1 2 3 4 5 MoreIntersil Corporation

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl