Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GI250-3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GI250-3
Description  High Voltage Glass Passivated Junction Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GI250-3 Datasheet(HTML) 2 Page - Vishay Siliconix

  GI250-3 Datasheet HTML 1Page - Vishay Siliconix GI250-3 Datasheet HTML 2Page - Vishay Siliconix GI250-3 Datasheet HTML 3Page - Vishay Siliconix GI250-3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GI250-1 thru GI250-4
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88625
Revision: 03-Apr-08
2
Note:
(1) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, P.C.B. mounted
Note:
(1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
GI250-1
GI250-2
GI250-3
GI250-4
UNIT
Maximum instantaneous
forward voltage
0.25 A
VF
3.5
V
Maximum DC reverse current
at rated DC blocking voltage
TA = 25 °C
TA = 100 °C
IR
5.0
50
µA
Typical reverse recovery time
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
trr
2.0
µs
Typical junction capacitance
4.0 V, 1 MHz
CJ
3.0
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
GI250-1
GI250-2
GI250-3
GI250-4
UNIT
Typical thermal resistance (1)
RθJA
130
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
GI250-4E3/54
0.339
54
5500
13" diameter paper tape and reel
GI250-4E3/73
0.339
73
3000
Ammo pack packaging
GI250-4HE3/54 (1)
0.339
54
5500
13" diameter paper tape and reel
GI250-4HE3/73 (1)
0.339
73
3000
Ammo pack packaging
Figure 1. Forward Current Derating Curve
0
25
50
75
100
125
150
175
0
0.05
0.1
0.15
0.2
0.25
Ambient Temperature (°C)
60 Hz Resistive
or Inductive Load
0.375" (9.5 mm) Lead Length
Figure 2. Maximum Non-repetitive Peak Forward Surge Current
1
10
100
0
5
10
15
T
J = TJ Max.
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz


Similar Part No. - GI250-3

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GI250-3 GOOD-ARK-GI250-3 Datasheet
141Kb / 2P
   HIGH VOLTAGE GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GI250-3 VISHAY-GI250-3 Datasheet
77Kb / 4P
   High Voltage Glass Passivated Rectifier
Revision: 15-Mar-11
More results

Similar Description - GI250-3

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GI250-1 GOOD-ARK-GI250-1 Datasheet
141Kb / 2P
   HIGH VOLTAGE GLASS PASSIVATED JUNCTION RECTIFIER
logo
Shenzhen Taychipst Elec...
GP02-20 TAYCHIPST-GP02-20 Datasheet
4Mb / 2P
   HIGH VOLTAGE GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GP02-20 VISHAY-GP02-20 Datasheet
77Kb / 4P
   High Voltage Glass Passivated Junction Rectifier
Revision: 15-Mar-11
logo
General Semiconductor
GP02-20 GE-GP02-20 Datasheet
59Kb / 2P
   HIGH VOLTAGE GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GP02-40-E3 VISHAY-GP02-40-E3 Datasheet
77Kb / 4P
   High Voltage Glass Passivated Junction Rectifier
Revision: 15-Mar-11
logo
Zowie Technology Corpor...
GP10-35 ZOWIE-GP10-35 Datasheet
76Kb / 2P
   HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GF02-20H ZOWIE-GF02-20H Datasheet
60Kb / 2P
   HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GF02-20 ZOWIE-GF02-20 Datasheet
58Kb / 2P
   HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP02-20H ZOWIE-GP02-20H Datasheet
61Kb / 2P
   HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP10-30 ZOWIE-GP10-30 Datasheet
77Kb / 2P
   HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com