Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7343-R5C2-AQTB Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # 7343-R5C2-AQTB
Description  5 mm Round LED, T-1 3/4
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

7343-R5C2-AQTB Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  7343-R5C2-AQTB Datasheet HTML 1Page - Everlight Electronics Co., Ltd 7343-R5C2-AQTB Datasheet HTML 2Page - Everlight Electronics Co., Ltd 7343-R5C2-AQTB Datasheet HTML 3Page - Everlight Electronics Co., Ltd 7343-R5C2-AQTB Datasheet HTML 4Page - Everlight Electronics Co., Ltd 7343-R5C2-AQTB Datasheet HTML 5Page - Everlight Electronics Co., Ltd 7343-R5C2-AQTB Datasheet HTML 6Page - Everlight Electronics Co., Ltd 7343-R5C2-AQTB Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
5 mm Round LED, T-1 3/4
7343/R5C2-AQTB/X/MS
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 1
Page: 6 of 7
Device Number : DLE-734-112
Prepared date: 11-24-2006
Prepared : Grace Shen
Label Form Specification
CPN: Customer’s Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks of Luminous Intensity and Forward Voltage
HUE: Ranks of Dominant Wavelength
REF: Reference
LOT No: Lot Number
MADE IN TAIWAN: Production Place
CPN:
P/N:
EVERLIGHT
7343/R5C2-AQTB/X/MS
QTY:
MADE
IN
TAIWAN
CAT:
HUE:
REF:
LOT NO:


Similar Part No. - 7343-R5C2-AQTB

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
7343-2SURC EVERLIGHT-7343-2SURC Datasheet
95Kb / 6P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
7343-2SURC EVERLIGHT-7343-2SURC Datasheet
91Kb / 5P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
7343-2SURC EVERLIGHT-7343-2SURC Datasheet
93Kb / 6P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
7343-2SURC EVERLIGHT-7343-2SURC Datasheet
92Kb / 5P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
7343-2SURC-H2-S400-AX EVERLIGHT-7343-2SURC-H2-S400-AX Datasheet
92Kb / 5P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
More results

Similar Description - 7343-R5C2-AQTB

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
T2C5-1MQB EVERLIGHT-T2C5-1MQB Datasheet
133Kb / 10P
   5 mm Round White LED (T-1 3/4)
logo
IDEA.lnc.
IVYC4251 IDEA-IVYC4251 Datasheet
105Kb / 2P
   T-1 3/4, 5 mm Round
IGD4251 IDEA-IGD4251 Datasheet
34Kb / 2P
   T-1 3/4, 5 mm Round
IVGC4251 IDEA-IVGC4251 Datasheet
104Kb / 2P
   T-1 3/4, 5 mm Round
IURC4251 IDEA-IURC4251 Datasheet
37Kb / 2P
   T-1 3/4, 5 mm Round
IVRT4251 IDEA-IVRT4251 Datasheet
37Kb / 2P
   T-1 3/4, 5 mm Round
IYD4251 IDEA-IYD4251 Datasheet
30Kb / 2P
   T-1 3/4, 5 mm Round
IID4251 IDEA-IID4251 Datasheet
30Kb / 2P
   T-1 3/4, 5 mm Round
IVGT4251 IDEA-IVGT4251 Datasheet
37Kb / 2P
   T-1 3/4, 5 mm Round
logo
Everlight Electronics C...
484-10UTC-S400-A6 EVERLIGHT-484-10UTC-S400-A6 Datasheet
208Kb / 6P
   3 mm Round LED (T-1 3/4 )
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com