Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4962M Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS4962M
Description  3W filter-free class D audio power amplifier
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962M Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS4962M Datasheet HTML 6Page - STMicroelectronics TS4962M Datasheet HTML 7Page - STMicroelectronics TS4962M Datasheet HTML 8Page - STMicroelectronics TS4962M Datasheet HTML 9Page - STMicroelectronics TS4962M Datasheet HTML 10Page - STMicroelectronics TS4962M Datasheet HTML 11Page - STMicroelectronics TS4962M Datasheet HTML 12Page - STMicroelectronics TS4962M Datasheet HTML 13Page - STMicroelectronics TS4962M Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Electrical characteristics
TS4962M
10/41
VN
Output voltage noise
F = 20Hz to 20kHz, G = 6dB
Unweighted RL =4Ω
A-weighted RL =4Ω
83
57
μVRMS
Unweighted RL =8Ω
A-weighted RL =8Ω
83
61
Unweighted RL =4Ω + 15µH
A-weighted RL =4Ω + 15µH
81
58
Unweighted RL =4Ω + 30µH
A-weighted RL =4Ω + 30µH
87
62
Unweighted RL =8Ω + 30µH
A-weighted RL =8Ω + 30µH
77
56
Unweighted RL =4Ω + Filter
A-weighted RL =4Ω + Filter
85
63
Unweighted RL =4Ω + Filter
A-weighted RL =4Ω + Filter
80
57
1.
All electrical values are guaranteed with correlation measurements at 2.5V and 5V.
2.
Standby mode is active when VSTBY is tied to GND.
3.
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is the superimposed sinusoidal signal to VCC @ F = 217Hz.
Table 6.
VCC = +3.6V, GND = 0V, VIC = 2.5V, Tamb = 25°C (unless otherwise specified)
(1)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit


Similar Part No. - TS4962M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4962M STMICROELECTRONICS-TS4962M Datasheet
1Mb / 32P
   3W Filter - free Class D Audio Power Amplifier
TS4962MEIJT STMICROELECTRONICS-TS4962MEIJT Datasheet
1Mb / 32P
   3W Filter - free Class D Audio Power Amplifier
More results

Similar Description - TS4962M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962 Datasheet
1Mb / 22P
   3W Filter-free Class D Audio Power Amplifier
TS4962M STMICROELECTRONICS-TS4962M Datasheet
1Mb / 32P
   3W Filter - free Class D Audio Power Amplifier
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
   3W Stereo Filter-free Class-D Audio Power Amplifier
logo
Integrated Silicon Solu...
IS31AP2006 ISSI-IS31AP2006 Datasheet
332Kb / 14P
   3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2006-DLS2-TR ISSI-IS31AP2006-DLS2-TR Datasheet
349Kb / 17P
   3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA2006D1 TI1-TPA2006D1 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA2005D1 TI1-TPA2005D1 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com