Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A214B-SUBC-S400-A6 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # A214B-SUBC-S400-A6
Description  3.0mm Round Type LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

A214B-SUBC-S400-A6 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  A214B-SUBC-S400-A6 Datasheet HTML 1Page - Everlight Electronics Co., Ltd A214B-SUBC-S400-A6 Datasheet HTML 2Page - Everlight Electronics Co., Ltd A214B-SUBC-S400-A6 Datasheet HTML 3Page - Everlight Electronics Co., Ltd A214B-SUBC-S400-A6 Datasheet HTML 4Page - Everlight Electronics Co., Ltd A214B-SUBC-S400-A6 Datasheet HTML 5Page - Everlight Electronics Co., Ltd A214B-SUBC-S400-A6 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
3.0mm Round Type LED Lamps
Reliability test items and conditions:
The reliability of products shall be satisfied with items listed below.
Confidence level:97%
LTPD:3%
NO
Item
Test Conditions
Sample
Size
Failure
Judgment
Criteria
1
Solder Heat
TEMP : 260℃ ± 5 ℃
76 PCS
H : +100℃ 15min
2
Temperature Cycle
∫ 5 min
76 PCS
L : -40℃ 15min
H : +100℃ 5min
3
Thermal Shock
∫ 10 sec
76 PCS
L : -10℃ 5min
4
High Temperature Storage
TEMP : 100℃
76 PCS
5
Low Temperature Storage
TEMP : -40℃
76 PCS
TEMP : 25℃
IF = 20mA
main with
High Temperature / High
Humidity
85℃ / 85% RH
76 PCS
Note: Ivt:To test Iv value of the chip before the reliablility test
Iv:The test value of the chip that has completed the reliablility test
U:Upper Specification Limit
L: Lower Specification Limit
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
REV.:
1
Device Number : CDAE-021-090
Prepared date:
Xiuzen Feng
A214B/SUBC/S400-A6
Test
Hours/Cycle
Ac/Re
10 SEC
Iv≦Ivt*0.5
or
Vf≧U
or
Vf≦L
0/1
300 CYCLES
1000 HRS
76 PCS
6
DC Operating Life
1000 HRS
0/1
300 CYCLES
0/1
0/1
1000 HRS
0/1
0/1
Prepared by:
2005/9/22
1000 HRS
0/1
Page:5 of 6


Similar Part No. - A214B-SUBC-S400-A6

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
A214B-SUB-C470-S400-A4 EVERLIGHT-A214B-SUB-C470-S400-A4 Datasheet
128Kb / 6P
   3.0mm Round Type LED Lamps
More results

Similar Description - A214B-SUBC-S400-A6

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
204-10SYGD-S530-E3 EVERLIGHT-204-10SYGD-S530-E3 Datasheet
101Kb / 6P
   3.0mm Round Type LED Lamps
204-10UYOC-S530-A3 EVERLIGHT-204-10UYOC-S530-A3 Datasheet
156Kb / 7P
   3.0mm Round Type LED Lamps
DLE-0001704 EVERLIGHT-DLE-0001704 Datasheet
120Kb / 6P
   3.0mm Round Type LED Lamps
1224-10UYT-S530-A3 EVERLIGHT-1224-10UYT-S530-A3 Datasheet
116Kb / 6P
   3.0mm Round Type LED Lamps
1254-10UYD-S530-A3 EVERLIGHT-1254-10UYD-S530-A3 Datasheet
102Kb / 6P
   3.0mm Round Type LED Lamps
204-10UYD-S530-A3 EVERLIGHT-204-10UYD-S530-A3 Datasheet
138Kb / 7P
   3.0mm Round Type LED Lamps
1254-10SDRD-S530-A3 EVERLIGHT-1254-10SDRD-S530-A3 Datasheet
123Kb / 6P
   3.0mm Round Type LED Lamps
1254-10SYGD-S530-E2 EVERLIGHT-1254-10SYGD-S530-E2 Datasheet
98Kb / 6P
   3.0mm Round Type LED Lamps
204-10UYD-S530-A3-L EVERLIGHT-204-10UYD-S530-A3-L Datasheet
110Kb / 6P
   3.0mm Round Type LED Lamps
204-10UYT-S530-A3 EVERLIGHT-204-10UYT-S530-A3_05 Datasheet
99Kb / 6P
   3.0mm Round Type LED Lamps
A264B-SUR-S530-A3-F14-9 EVERLIGHT-A264B-SUR-S530-A3-F14-9 Datasheet
108Kb / 6P
   3.0mm Round Type LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com