Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSU2032C40 Datasheet(PDF) 4 Page - Mosel Vitelic, Corp

Part # MSU2032C40
Description  low working voltage 16 MHz ROM less MCU
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSU2032C40 Datasheet(HTML) 4 Page - Mosel Vitelic, Corp

  MSU2032C40 Datasheet HTML 1Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 2Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 3Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 4Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 5Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 6Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 7Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 8Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
Rev. 1.0 February 1998
MOSEL VITELIC
MSU2052/U2032
40 PDIP
Pin#
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
Dice
Pad#
39
40
41
42
43
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15~17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37,38
44 PLCC
Pin#
2
3
4
5
6
7
8
9
10
11
13
14
15
16
17
18
19
20
21
22
24
25
26
27
28
29
30
31
32
33
35
36
37
38
39
40
41
42
43
44
Symbol
T2EX/P1.0
T2/P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
RES
RXD/P3.0
TXD/P3.1
#INT0/P3.2
#INT1/P3.3
T0/P3.4
T1/P3.5
#WR/P3.6
#RD/P3.7
XTAL2
XTAL1
VSS
A8/P2.0
A9/P2.1
A10/P2.2
A11/P2.3
A12/P2.4
A13/P2.5
A14/P2.6
A15/P2.7
#PSEN
ALE
#EA
AD7/P0.7
AD6/P0.6
AD5/P0.5
AD4/P0.4
AD3/P0.3
AD2/P0.2
AD1/P0.1
AD0/P0.0
VDD
Active
L/-
L/-
L/-
L/-
L
H
L
I/O
i/o
i/o
i/o
i/o
i/o
i/o
i/o
i/o
i
i/o
i/o
i/o
i/o
i/o
i/o
i/o
i/o
o
i
i/o
i/o
i/o
i/o
i/o
i/o
i/o
i/o
o
o
i
i/o
i/o
i/o
i/o
i/o
i/o
i/o
i/o
Names
bit 0 of Port 1 & timer 2
bit 1 of Port 1 & timer control
bit 2 of Port 1
bit 3 of Port 1
bit 4 of Port 1
bit 5 of Port 1
bit 6 of Port 1
bit 7 of Port 1
Reset
bit 0 of Port 3 & Receive data
bit 1 of Port 3 & Transmit data
bit 2 of Port 3 & low true Interrupt 0
bit 3 of Port 3 & low true Interrupt 1
bit 4 of Port 3 & Timer 0
bit 5 of Port 3 & Timer 1
bit 6 of Port 3 & Write (low enable)
bit 7 of Port 3 & Read (low enable)
Crystal out
Crystal in
Sink Voltage, Ground
bit 0 of Port 2 & Address 8
bit 1 of Port 2 & Address 9
bit 2 of Port 2 & Address 10
bit 3 of Port 2 & Address 11
bit 4 of Port 2 & Address 12
bit 5 of Port 2 & Address 13
bit 6 of Port 2 & Address 14
bit 7 of Port 2 & Address 15
Program store enable (low enable)
Address latch enable
External access first 8 KB memory
bit 7 of Port 0 & Address or Data 7
bit 6 of Port 0 & Address or Data 6
bit 5 of Port 0 & Address or Data 5
bit 4 of Port 0 & Address or Data 4
bit 3 of Port 0 & Address or Data 3
bit 2 of Port 0 & Address or Data 2
bit 1 of Port 0 & Address or Data 1
bit 0 of Port 0 & Address or Data 0
Drive Voltage, +3 Vcc (or +5 Vcc)
44 LQFP
Pin#
40
41
42
43
44
1
2
3
4
5
7
8
9
10
11
12
13
14
15
16
18
19
20
21
22
23
24
25
26
27
29
30
31
32
33
34
35
36
37
38
44 PQFP
Pin#
40
41
42
43
44
1
2
3
4
5
7
8
9
10
11
12
13
14
15
16
18
19
20
21
22
23
24
25
26
27
29
30
31
32
33
34
35
36
37
38
Pin Descriptions


Similar Part No. - MSU2032C40

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2031 MOSEL-MSU2031 Datasheet
33Kb / 1P
   8 - Bit Microcontroller
MSU2031C16 MOSEL-MSU2031C16 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
MSU2031C25 MOSEL-MSU2031C25 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
MSU2031C40 MOSEL-MSU2031C40 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
MSU2031L16 MOSEL-MSU2031L16 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
More results

Similar Description - MSU2032C40

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2051 MOSEL-MSU2051 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
logo
Maxim Integrated Produc...
ZLR32300 MAXIM-ZLR32300 Datasheet
618Kb / 103P
   Low-Voltage ROM MCU with Infrared Timers
Rev 0; 5/09
logo
Zilog, Inc.
ZLR32300 ZILOG-ZLR32300 Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
logo
STMicroelectronics
ST10C167 STMICROELECTRONICS-ST10C167 Datasheet
433Kb / 65P
   16-BIT MCU WITH 32K BYTE ROM
ST10R172L-B0 STMICROELECTRONICS-ST10R172L-B0 Datasheet
20Kb / 3P
   16-BIT LOW VOLTAGE ROMLESS MCU
ST10R172L STMICROELECTRONICS-ST10R172L Datasheet
648Kb / 68P
   16-BIT LOW VOLTAGE ROMLESS MCU
logo
Microchip Technology
DM163006 MICROCHIP-DM163006 Datasheet
5Mb / 320P
   High-Performance ROM-less Microcontrollers
10/01/00
logo
List of Unclassifed Man...
XPT8P003A ETC2-XPT8P003A Datasheet
322Kb / 1P
   16 MHz XPT8P 8Bit MCU
logo
STMicroelectronics
ST9291 STMICROELECTRONICS-ST9291 Datasheet
170Kb / 20P
   16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
ST10R272L-B0 STMICROELECTRONICS-ST10R272L-B0 Datasheet
24Kb / 4P
   16-BIT ROMLESS LOW VOLTAGE MCU WITH MAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com