Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSU2032C40 Datasheet(PDF) 7 Page - Mosel Vitelic, Corp

Part # MSU2032C40
Description  low working voltage 16 MHz ROM less MCU
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSU2032C40 Datasheet(HTML) 7 Page - Mosel Vitelic, Corp

Back Button MSU2032C40 Datasheet HTML 3Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 4Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 5Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 6Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 7Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 8Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 9Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 10Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 11Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
Rev. 1.0 February 1998
MOSEL VITELIC
MSU2052/U2032
AC Characteristics
(16/25/40 MHz, operating conditions; CL for Port 0, ALE and PSEN Outputs=150pF; CL for all Other Outputs=80pF)
Symbol
T LHLL
T AVLL
T LLAX
T LLIV
T LLPL
T PLPH
T PLIV
T PXIX
T PXIZ
T AVIV
T PLAZ
T RLRH
T WLWH
T RLDV
T RHDX
T RHDZ
T LLDV
T AVDV
T LLYL
T AVYL
T QVWH
T QVWX
T WHQX
T RLAZ
T YHLH
T CHCL
T CLCX
T CLCH
T CHCX
T, T CLCL
Parameter
ALE pulse width
Address Valid to ALE low
Address Hold after ALE low
ALE low to Valid Instruction In
ALE low to #PSEN low
#PSEN pulse width
#PSEN low to Valid Instruction In
Instruction Hold after #PSEN
Instruction Float after #PSEN
Address to Valid Instruction In
#PSEN low to Address Float
#RD pulse width
#WR pulse width
#RD low to Valid Data in
Data Hold after #RD
Data Float after #RD
ALE low to Valid Data In
Address to Valid Data In
ALE low to #WR or #RD low
Address Valid to #WR or #RD low
Data Valid to #WR High
Data Valid to #WR transition
Data hold after #WR
#RD low to Address Float
#WR or #RD high to ALE high
Clock fall time
Clock low time
Clock rise time
Clock high time
Clock period
Valid
Cycle
RD/WRT
RD/WRT
RD/WRT
RD
RD
RD
RD
RD
RD
RD
RD
RD
WRT
RD
RD
RD
RD
RD
RD/WRT
RD/WRT
WRT
WRT
WRT
RD
RD/WRT
Min.
115
43
53
53
173
0
365
365
0
178
230
403
38
73
53
Typ. Max
240
177
87
292
10
302
145
490
542
197
72
Unit
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
Remarks
Operating Conditions
Symbol
t A
V CC3
V CC5
f osc 16
f osc 25
f osc 40
Description
Ambient temperature under bias
Supply voltage
Oscillator Frequency
Min.
0
2.7
4.5
3.0
16
25
Max.
70
4.5
5.5
16
25
40
Unit
V
V
MHz
MHz
MHz
Remarks
U20x2L
U20x2C
U20x2i16
U20x2i25
U20x2i40
C
Typ.
25
3.0
5.0
16
25
40
f osc 16
2xT - 10
T - 20
T - 10
T - 10
3xT - 15
0
6xT - 10
6xT - 10
0
3xT - 10
4xT - 20
7xT - 35
T - 25
T + 10
T - 10
4xT - 10
3xT - 10
T + 25
5xT - 20
10
5xT - 10
2xT + 20
8xT - 10
9xT - 20
3xT + 10
5
T + 10
Variable f osc
Min.
Max.
1/ fosc
Typ.
63


Similar Part No. - MSU2032C40

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2031 MOSEL-MSU2031 Datasheet
33Kb / 1P
   8 - Bit Microcontroller
MSU2031C16 MOSEL-MSU2031C16 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
MSU2031C25 MOSEL-MSU2031C25 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
MSU2031C40 MOSEL-MSU2031C40 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
MSU2031L16 MOSEL-MSU2031L16 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
More results

Similar Description - MSU2032C40

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2051 MOSEL-MSU2051 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
logo
Maxim Integrated Produc...
ZLR32300 MAXIM-ZLR32300 Datasheet
618Kb / 103P
   Low-Voltage ROM MCU with Infrared Timers
Rev 0; 5/09
logo
Zilog, Inc.
ZLR32300 ZILOG-ZLR32300 Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
logo
STMicroelectronics
ST10C167 STMICROELECTRONICS-ST10C167 Datasheet
433Kb / 65P
   16-BIT MCU WITH 32K BYTE ROM
ST10R172L-B0 STMICROELECTRONICS-ST10R172L-B0 Datasheet
20Kb / 3P
   16-BIT LOW VOLTAGE ROMLESS MCU
ST10R172L STMICROELECTRONICS-ST10R172L Datasheet
648Kb / 68P
   16-BIT LOW VOLTAGE ROMLESS MCU
logo
Microchip Technology
DM163006 MICROCHIP-DM163006 Datasheet
5Mb / 320P
   High-Performance ROM-less Microcontrollers
10/01/00
logo
List of Unclassifed Man...
XPT8P003A ETC2-XPT8P003A Datasheet
322Kb / 1P
   16 MHz XPT8P 8Bit MCU
logo
STMicroelectronics
ST9291 STMICROELECTRONICS-ST9291 Datasheet
170Kb / 20P
   16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
ST10R272L-B0 STMICROELECTRONICS-ST10R272L-B0 Datasheet
24Kb / 4P
   16-BIT ROMLESS LOW VOLTAGE MCU WITH MAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com