Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PALCE22V10-10 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # PALCE22V10-10
Description  Flash Erasable, Reprogrammable CMOS PAL짰 Device
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PALCE22V10-10 Datasheet(HTML) 1 Page - Cypress Semiconductor

  PALCE22V10-10 Datasheet HTML 1Page - Cypress Semiconductor PALCE22V10-10 Datasheet HTML 2Page - Cypress Semiconductor PALCE22V10-10 Datasheet HTML 3Page - Cypress Semiconductor PALCE22V10-10 Datasheet HTML 4Page - Cypress Semiconductor PALCE22V10-10 Datasheet HTML 5Page - Cypress Semiconductor PALCE22V10-10 Datasheet HTML 6Page - Cypress Semiconductor PALCE22V10-10 Datasheet HTML 7Page - Cypress Semiconductor PALCE22V10-10 Datasheet HTML 8Page - Cypress Semiconductor PALCE22V10-10 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Flash Erasable,
Reprogrammable CMOS PAL® Device
PALCE22V10
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-03027 Rev. **
Revised September 1996
22V10
Features
• Low power
— 90 mA max. commercial (10 ns)
— 130 mA max. commercial (5 ns)
• CMOS Flash EPROM technology for electrical erasabil-
ity and reprogrammability
• Variable product terms
— 2 x(8 through 16) product terms
• User-programmable macrocell
— Output polarity control
— Individually selectable for registered or combinato-
rial operation
• Up to 22 input terms and 10 outputs
• DIP, LCC, and PLCC available
— 5 ns commercial version
4 ns tCO
3 ns tS
5 ns tPD
181-MHz state machine
— 10 ns military and industrial versions
7 ns tCO
6 ns tS
10 ns tPD
110-MHz state machine
— 15-ns commercial, industrial, and military versions
— 25-ns commercial, industrial, and military versions
• High reliability
— Proven Flash EPROM technology
— 100% programming and functional testing
Functional Description
The Cypress PALCE22V10 is a CMOS Flash Erasable sec-
ond-generation programmable array logic device. It is imple-
mented with the familiar sum-of-products (AND-OR) logic
structure and the programmable macrocell.
PAL is a registered trademark of Advanced Micro Devices.
Logic Block Diagram (PDIP/CDIP)
Pin Configuration
CE22V10–1
PLCC
Top View
Macrocell
8
10
12
14
16
16
14
12
10
8
11
10
9
8
7
6
5
4
3
2
1
12
13
14
15
16
17
18
19
20
21
22
23
24
Preset
PROGRAMMABLE
AND ARRAY
(132 X 44)
II
I
I
II
II
I
I
CP/I
VSS
I
I/O9
I/O8
I/O 7
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
I/O0
VCC
Reset
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
I/O
I/O
I/O
I/O
I/O
I/O
I
I
I
I
I
I
2
3
4
5
6
7
N/C
LCC
Top View
5
6
7
8
9
10
11
4 3 2
282726
12131415161718
25
24
23
22
21
20
19
I/O
I/O
I/O
I/O
I/O
I/O
I
I
I
I
I
I
2
3
4
5
6
7
1
N/C
NC
NC
CE22V10–2
CE22V10–3
25
24
23
22
21
20
19
5
6
7
8
9
10
11
121314 1516 1718
4 3 2
2827 26
1


Similar Part No. - PALCE22V10-10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALCE22V10-10 CYPRESS-PALCE22V10-10 Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
PALCE22V10-10DMB CYPRESS-PALCE22V10-10DMB Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
PALCE22V10-10JC CYPRESS-PALCE22V10-10JC Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
PALCE22V10-10JI CYPRESS-PALCE22V10-10JI Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
PALCE22V10-10KMB CYPRESS-PALCE22V10-10KMB Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
More results

Similar Description - PALCE22V10-10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALCE20V8 CYPRESS-PALCE20V8_04 Datasheet
316Kb / 14P
   Flash-Erasable Reprogrammable CMOS PAL짰 Device
PALC22V10D CYPRESS-PALC22V10D_07 Datasheet
328Kb / 12P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALC22V10L-25PC CYPRESS-PALC22V10L-25PC Datasheet
1Mb / 15P
   Reprogrammable CMOS PAL짰 Device
PALCE22V10 CYPRESS-PALCE22V10 Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
PALCE20V8 CYPRESS-PALCE20V8 Datasheet
352Kb / 14P
   Flash Erasable, Reprogrammable CMOS PAL Device
PAL20V8 CYPRESS-PAL20V8 Datasheet
287Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL Device
5962-8867004LA CYPRESS-5962-8867004LA Datasheet
337Kb / 12P
   Flash Erasable, Reprogrammable CMOS PAL Device
PALCE16V8 CYPRESS-PALCE16V8 Datasheet
300Kb / 13P
   Flash-Erasable Reprogrammable CMOS PAL Device
PALC22V10D CYPRESS-PALC22V10D Datasheet
684Kb / 11P
   FLASG ERASABLE REPROGRAMMABLE CMOS PAL DEVICE
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
   Reprogrammable CMOS PAL Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com