Part Name
         Description
MAX796_05

 Step-Down Controllers with Synchronous Rectifier for CPU Power ( 32 Page)


MAXIM
100% 
Zoom Out Zoom In
 6 page
background image
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
100
50
0.001
1
0.1
0.01
10
EFFICIENCY
vs. LOAD CURRENT, 5V/3A CIRCUIT
60
LOAD CURRENT (A)
70
80
90
STANDARD MAX797 5V/3A
CIRCUIT, FIGURE 1
f = 300kHz
VIN = 6V
VIN = 30V
100
50
0.001
1
0.1
0.01
10
EFFICIENCY
vs. LOAD CURRENT, 3.3V/3A CIRCUIT
60
LOAD CURRENT (A)
70
80
90
STANDARD MAX797 3.3V/3A
CIRCUIT, FIGURE 1
f = 300kHz
VIN = 12V
VIN = 30V
VIN = 5V
100
40
50
60
70
80
90
0.1
1
10
EFFICIENCY
vs. LOAD CURRENT, 3.3V/10A CIRCUIT
LOAD CURRENT (A)
SKIP = LOW
SKIP = HIGH
STANDARD MAX797 3.3V/10A
CIRCUIT, FIGURE 1
f = 300kHz
VIN = 5V
Step-Down Controllers with
Synchronous Rectifier for CPU Power
6
_______________________________________________________________________________________
MAX799
SHDN
DH
–5V
OUTPUT
+5V
OUTPUT
INPUT 6V TO 30V
BST
LX
DL
PGND
CSH
CSL
SS
REF
FROM
REF
SYNC
GND
V+
VL
FB
SECFB
_____________________________________Typical Operating Circuits (continued)
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB3883_026-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down 1 2 3 4 5 MoreFujitsu Component Limited.
R1232DPWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER 1 2 3 4 5 MoreRICOH electronics devices division
R1234DPWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier 1 2 3 4 5 MoreRICOH electronics devices division
TPS51125Dual-Synchronous Step-Down Controller with Out-of-Audio™ Operation and 100-mA LDOs for Notebook System Power 1 2 3 4 5 MoreTexas Instruments
CS51665−Bit Synchronous CPU Controller with Power Good and Current Limit 1 2 3 4 5 MoreON Semiconductor
SC250Step-Down DC-DC Converter with Bias LDO for RF Power Amplifi ers 1 2 3 4 5 MoreSemtech Corporation
MB39A107DC/DC Converter IC for Charging Li-ion Battery with Synchronous Rectifier 1 2 3 4 5 MoreFujitsu Component Limited.
PM6680No Rsense dual step-down controller with adjustable voltages for notebook system power 1 2 3 4 5 MoreSTMicroelectronics
RT8801Multi-Phase PWM Controller for CPU Core Power Supply with Serial Programming Interface 1 2 3 4 5 MoreRichtek Technology Corporation
AAT1171600mA Voltage-Scaling Step-Down Converter for RF Power Amplifiers with Bypass Switch 1 2 3 4 5 MoreAdvanced Analogic Technologies

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl