Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL4148 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LL4148
Description  Fast Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LL4148 Datasheet(HTML) 3 Page - Vishay Siliconix

  LL4148_04 Datasheet HTML 1Page - Vishay Siliconix LL4148_04 Datasheet HTML 2Page - Vishay Siliconix LL4148_04 Datasheet HTML 3Page - Vishay Siliconix LL4148_04 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VISHAY
LL4148 / LL4448
Document Number 85557
Rev. 1.7, 06-Feb-04
Vishay Semiconductors
www.vishay.com
3
Package Dimensions in mm (Inches)
Fig. 3 Reverse Current vs. Reverse Voltage
1
10
100
1000
VR - Reverse Voltage(V)
10
1
100
94 9098
Tj =25 °C
Scattering Limit
Fig. 4 Diode Capacitance vs. Reverse Voltage
0.1
1
10
0
0.5
1.0
1.5
2.0
3.0
100
94 9099
2.5
VR - Reverse Voltage(V)
T
f=1MHz
j =25 ° C
96 12070
3.5 ± 0.2 (0.14 ± 0.008)
0.47 max.
(0.02)
Cathode indification
Glass case
Mini Melf / SOD 80
JEDEC DO 213 AA
technical drawings
according to DIN
specifications
2.50 (0.098) max
5 (0.197) ref
1.25 (0.049) min
Mounting Pad Layout


Similar Part No. - LL4148_04

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL4148L0 TSC-LL4148L0 Datasheet
104Kb / 2P
   500mW High Speed SMD Switching Diode
LL4148L0 TSC-LL4148L0 Datasheet
206Kb / 3P
   500mW High Speed SMD Switching Diode
LL4148L0 TSC-LL4148L0 Datasheet
168Kb / 3P
   500mW High Speed SMD Switching Diode
logo
Won-Top Electronics
LL4148 WTE-LL4148_06 Datasheet
36Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotec Semiconductor
LL4148 DIOTEC-LL4148_07 Datasheet
103Kb / 2P
   Ultrafast Switching Surface Mount Si-Planar Diodes
More results

Similar Description - LL4148_04

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4151 DIODES-1N4151 Datasheet
49Kb / 1P
   FAST SWITCHING DIODE
DS12014 Rev. F-2
logo
Jiangsu Changjiang Elec...
1N4448WT JIANGSU-1N4448WT Datasheet
829Kb / 4P
   FAST SWITCHING DIODE
logo
GOOD-ARK Electronics
LS4154 GOOD-ARK-LS4154 Datasheet
103Kb / 2P
   Fast Switching Diode
logo
Chenmko Enterprise Co. ...
LL4150PT CHENMKO-LL4150PT Datasheet
121Kb / 2P
   FAST SWITCHING DIODE
logo
Shanghai Shunye Electro...
1N4448W SY-1N4448W Datasheet
932Kb / 2P
   FAST SWITCHING DIODE
logo
New Jersey Semi-Conduct...
1N914 NJSEMI-1N914 Datasheet
62Kb / 1P
   FAST SWITCHING DIODE
logo
Jiangsu Changjiang Elec...
BAV16W JIANGSU-BAV16W_17 Datasheet
1Mb / 5P
   FAST SWITCHING DIODE
logo
Infineon Technologies A...
IDP30E60 INFINEON-IDP30E60_09 Datasheet
701Kb / 8P
   Fast Switching Diode
Rev.2.4 2009-09-28
SIDC02D60F6 INFINEON-SIDC02D60F6_10 Datasheet
108Kb / 4P
   Fast switching diode
Edition 2.1, 09.03.2010
IDP12E120 INFINEON-IDP12E120 Datasheet
545Kb / 8P
   Fast Switching Diode
Rev.2.3 2009-08-19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com