Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16008TP+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX16008TP+
Description  Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16008TP+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX16008TP+ Datasheet HTML 6Page - Maxim Integrated Products MAX16008TP+ Datasheet HTML 7Page - Maxim Integrated Products MAX16008TP+ Datasheet HTML 8Page - Maxim Integrated Products MAX16008TP+ Datasheet HTML 9Page - Maxim Integrated Products MAX16008TP+ Datasheet HTML 10Page - Maxim Integrated Products MAX16008TP+ Datasheet HTML 11Page - Maxim Integrated Products MAX16008TP+ Datasheet HTML 12Page - Maxim Integrated Products MAX16008TP+ Datasheet HTML 13Page - Maxim Integrated Products MAX16008TP+ Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Low-Voltage, High-Accuracy, Quad Window
Voltage Detectors in Thin QFN
10
______________________________________________________________________________________
Use the following formulas to calculate the error:
where EUV and EOV are the undervoltage and over-
voltage error (in %), respectively.
2) Calculate R3 based on RTOTAL and the desired
upper trip point:
3) Calculate R2 based on RTOTAL, R3, and the
desired lower trip point:
4) Calculate R1 based on RTOTAL, R3, and R2:
Overvoltage Shutdown
The MAX16008/MAX16009 are ideal for overvoltage-
shutdown applications. Figure 3 shows a typical circuit
for this application using a pass p-channel MOSFET.
The MAX16008/MAX16009 are powered directly from
the system voltage supply. Select R1 and R2 to set the
trip voltage. When the supply voltage remains below the
selected threshold, a low logic level on UVOUT_ turns
on the p-channel MOSFET. In the case of an overvolt-
age event, UVOUT_ goes high turning off the MOSFET,
and shuts down the power to the load.
Figure 4 shows a similar application using a fuse and a
silicon-controlled rectifier (SCR). An overvoltage event
turns on the SCR and shorts the supply to ground. The
surge of current through the short circuit blows the fuse
and terminates the current to the load. Select R3 so that
the gate of the SCR is properly biased when UVOUT_
goes high.
Unused Inputs
Any unused UVIN_ inputs must be connected to VCC, and
any unused OVIN_ inputs must be connected to GND.
UVOUT_/OVOUT_ Outputs
UVOUT_ and OVOUT_ outputs assert low when UVIN_
and OVIN_, respectively, drop below or exceed their
specified thresholds. The undervoltage/overvoltage out-
puts are open-drain with a (30µA) internal pullup to VCC.
For many applications, no external pullup resistor is
required to interface with other logic devices. An external
pullup resistor to any voltage up to 5.5V overdrives the
internal pullup if interfacing to different logic supply volt-
ages. Internal circuitry prevents reverse current flow from
the external pullup voltage to VCC (Figure 5). When
choosing the external pullup resistor, the resistance
value should be large enough to ensure that the output
can sink the necessary current during a logic-low condi-
tion and small enough to be able to overdrive the internal
pullup current and meet output high specifications
RR
R
R
TOTAL
12
3
=−
R
Vx R
V
R
TH
TOTAL
TRIPLOW
23
=−
R
Vx R
V
TH
TOTAL
TRIPHIGH
3
=
E
IR
RR
RR
V
x
E
IR
x R
V
x
UV
IB
TRIPLOW
OV
IB
TRIPHIGH
(%)
(%)
((
))
=
+
+
⎝⎜
⎠⎟
=
+
1
13
23
21
100
2
100
VCC
LOAD
UVIN_
R1
R2
UVOUT_
MAX16008/
MAX16009
GND
R3*
VSUPPLY
*OPTIONAL. VALUES OF 10k
Ω AND ABOVE ARE RECOMMENDED.
Figure 3. Overvoltage Shutdown Circuit (with External Pass
MOSFET)
VCC
LOAD
SCR
UVIN_
R1
R2
R3
UVOUT_
MAX16008/
MAX16009
GND
FUSE
VSUPPLY
Figure 4. Overvoltage Shutdown Circuit (with SCR Fuse)


Similar Part No. - MAX16008TP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16008TP++ MAXIM-MAX16008TP+ Datasheet
189Kb / 13P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 1; 1/11
More results

Similar Description - MAX16008TP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16008 MAXIM-MAX16008_11 Datasheet
189Kb / 13P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 1; 1/11
logo
Texas Instruments
TPS3779 TI1-TPS3779_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
logo
Maxim Integrated Produc...
MAX6714DUB MAXIM-MAX6714DUB Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
MAX6709 MAXIM-MAX6709_05 Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
logo
Texas Instruments
TPS3779-Q1 TI1-TPS3779-Q1 Datasheet
979Kb / 24P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
logo
Maxim Integrated Produc...
MAX6754 MAXIM-MAX6754 Datasheet
286Kb / 22P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 1; 12/03
MAX6764UT MAXIM-MAX6764UT Datasheet
560Kb / 20P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 4; 1/11
MAX6709 MAXIM-MAX6709 Datasheet
287Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in 關MAX Package
Rev 0; 4/02
logo
STMicroelectronics
STM6710FWB6F STMICROELECTRONICS-STM6710FWB6F Datasheet
315Kb / 21P
   Low voltage, high accuracy, triple/quad voltage microprocessor
logo
Maxim Integrated Produc...
MAX4695 MAXIM-MAX4695 Datasheet
271Kb / 11P
   Low-Voltage, 60ohm Dual SPDT Analog Switch in Thin QFN
Rev 1, 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com