Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS-5114 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IS-5114
Description  High-Performance Digital/Video Camera Processor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IS-5114 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button IS-5114 Datasheet HTML 2Page - List of Unclassifed Manufacturers IS-5114 Datasheet HTML 3Page - List of Unclassifed Manufacturers IS-5114 Datasheet HTML 4Page - List of Unclassifed Manufacturers IS-5114 Datasheet HTML 5Page - List of Unclassifed Manufacturers IS-5114 Datasheet HTML 6Page - List of Unclassifed Manufacturers IS-5114 Datasheet HTML 7Page - List of Unclassifed Manufacturers IS-5114 Datasheet HTML 8Page - List of Unclassifed Manufacturers IS-5114 Datasheet HTML 9Page - List of Unclassifed Manufacturers IS-5114 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
09/04/07
IS-5114
3. Device I/O
The IS-5114 has 230 I/O signals, 46 digital power/grounds, and 4 analog power/grounds. All dig-
ital signal pads have 3.3V TTL-compatible output drivers and CMOS inputs, except for SWI,
SWO, and INT[1:0], which have 1.8V TTL-compatible output drivers and CMOS inputs, the crys-
tal and PLL signals, which also run at 1.8V, and the DDR SDRAM Interface, which has SSTL_2
(2.5V) drivers. Table 3-1 provides a description of the I/Os. A package pin map is provided in
“Packaging Information” on page 14.
Note that some pins have more than one possible function. For example, the IDE Controller chip
selects are shared with the Static Memory Controller (SMC) chip select pins (NCS[1:0]). The
pin_sel register is used to control the function of the multi-purpose pins.
3.1
I/O Table Definitions
• I = input, O = output, T = tri-state output, B = bi-directional
• H = logic high, L = logic low
• pd = pad includes a pull-down resistor
• st = pad has Schmitt-triggered input
• * = pad has a drive strength customized for its application
Table 3-1.
I/O Signal Descriptions
Pin Name
Direction
Drive
Strength
Reset
State
Function
DDR SDRAM Interface (All pads are SSTL_2 compatible)
CK
T
*
H
SDRAM clock
CKN
T
*
L
SDRAM clock inverted (clocks are differential)
CKE
T
*
L
Clock enable
CS
T
*
H
Chip select (active low)
RAS
T
*
H
Row address select (active low)
CAS
T
*
H
Column address select (active low)
WE
T
*
H
Write enable (active low)
LDM
T
*
L
Input data mask, lower byte
UDM
T
*
L
Input data mask, upper byte
BA[1:0]
T
*
all bits L
Bank address
MA[13:0]
T
*
all bits L
Memory address
DQ[15:0]
B
*
Input
Data
LDQS
B
*
Input
Data strobe, lower byte
UDQS
B
*
Input
Data strobe, upper byte
VREFS
I
N/A
Input
Reference voltage for SSTL_2 pads (analog, 1.25V nominal)
Imager Interface
PXCLK
I
N/A
Input
Pixel clock
VD
B
2 mA
Input
Vertical synchronization
HD
B
2 mA
Input
Horizontal synchronization


Similar Part No. - IS-5114

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
IS-50 PAIRUI-IS-50 Datasheet
732Kb / 19P
   AC-DC Din Rail Mounted Power Supply
IS-50 PAIRUI-IS-50 Datasheet
1Mb / 19P
   AC-DC Din Rail Mounted Power Supply
IS-50 PAIRUI-IS-50_19 Datasheet
1Mb / 19P
   AC-DC Din Rail Mounted Power Supply
More results

Similar Description - IS-5114

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT76C112 ATMEL-AT76C112 Datasheet
48Kb / 3P
   High Performance Digital Camera Processor
AT76C110 ATMEL-AT76C110 Datasheet
51Kb / 3P
   High- Performance Digital Camera Processor
AT76C113 ATMEL-AT76C113 Datasheet
35Kb / 4P
   High- Performance Digital Camera Processor
AT76C111 ATMEL-AT76C111 Datasheet
51Kb / 3P
   High-Performance Digital Camera Processor
AT76C120 ATMEL-AT76C120 Datasheet
76Kb / 5P
   High- Performance Digital Imaging and Video Processor
logo
Zoran Corporation
ZR36470 ZORAN-ZR36470 Datasheet
81Kb / 2P
   Digital Camera Processor
logo
Samsung semiconductor
KS7301B SAMSUNG-KS7301B Datasheet
359Kb / 34P
   DIGITAL CAMERA PROCESSOR
logo
STMicroelectronics
STV0684 STMICROELECTRONICS-STV0684 Datasheet
487Kb / 49P
   Digital Camera Processor
logo
Samsung semiconductor
KS7306 SAMSUNG-KS7306 Datasheet
405Kb / 54P
   DIGITAL CAMERA PROCESSOR
logo
Zoran Corporation
COACH10 ZORAN-COACH10 Datasheet
116Kb / 2P
   Digital Camera Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com