Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5LE-1A4 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G5LE-1A4
Description  ACUBIC, SINGLE-POLE 10-A POWER RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5LE-1A4 Datasheet(HTML) 5 Page - Omron Electronics LLC

  G5LE-1A4 Datasheet HTML 1Page - Omron Electronics LLC G5LE-1A4 Datasheet HTML 2Page - Omron Electronics LLC G5LE-1A4 Datasheet HTML 3Page - Omron Electronics LLC G5LE-1A4 Datasheet HTML 4Page - Omron Electronics LLC G5LE-1A4 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
G5LE
G5LE

CSA C22.2 NO. 14 (File No. LR34815)
' 
!  
!   

0 *4/(!
 # 36 /#!  
 # 06 /(!   
3 /# 36 /#! '( 66666 =
 # 3 /#! '  06E 56! 4%
)
?4  36 /#! 6666 =
/0
)!
?6  36 /#! 6666 =
6 # 36 /#!  
4 # 06 /(!   
1 # 355 /#!    66E
)
?1  36 /#! 6666 =
?0  3 /#! 56! 4% 06E
)!
?6  36 /#! 6666 =
)  =   9  ""& F#$G  / 
TÜV (VDE File No. R9151267)
' 
!  
!   

0  1 2 3 3* /(!
3 # 36 /#!  ; 6*
3 # 36 /#!   
 # 06 /(!   
3 # 36 /#!  ; 6*
 # 36 /#!   
4 # 06 /(!   
! ) ! ,H1
2?25
"  I   9   
'   -#
OMRON ELECTRONICS, INC.
  ! (
  $ 1650
NOTE: DIMENSIONS SHOWN ARE IN MILLIMETERS. To convert millimeters to inches divide by 25.4.
1-800-55-OMRON
OMRON CANADA, INC.
44 7 #
    7+ /4
416-286-6465

Omron Europe B.V. EMA-ISD, tel:+31 23 5681390, fax:+31 23 5681397, http://www.eu.omron.com/ema


Similar Part No. - G5LE-1A4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5LE-1A4 OMRON-G5LE-1A4 Datasheet
116Kb / 5P
   PCB Relay
G5LE-1A4 OMRON-G5LE-1A4 Datasheet
828Kb / 8P
   PCB Relay
G5LE-1A4 OMRON-G5LE-1A4 Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
G5LE-1A4 OMRON-G5LE-1A4 Datasheet
96Kb / 3P
   PCB Relay
G5LE-1A4 OMRON-G5LE-1A4 Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
More results

Similar Description - G5LE-1A4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5LE-14-DC24 OMRON-G5LE-14-DC24 Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
G5LE14DC12 OMRON-G5LE14DC12 Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
logo
List of Unclassifed Man...
G5LA1ECF12DC ETC2-G5LA1ECF12DC Datasheet
176Kb / 5P
   A Cubic, Single-pole 10A Power Relay
logo
Omron Electronics LLC
G5LA14CFDC24 OMRON-G5LA14CFDC24 Datasheet
555Kb / 5P
   A Cubic, Single-pole 10A Power Relay
G5LA14DC12 OMRON-G5LA14DC12 Datasheet
269Kb / 6P
   A Cubic, Single-pole 10A Power Relay
G5LA-1-DC5 OMRON-G5LA-1-DC5 Datasheet
269Kb / 6P
   A Cubic, Single-pole 10A Power Relay
G5LA1A4DC12 OMRON-G5LA1A4DC12 Datasheet
555Kb / 5P
   A Cubic, Single-pole 10A Power Relay
G5LA-14-DC24 OMRON-G5LA-14-DC24 Datasheet
269Kb / 6P
   A Cubic, Single-pole 10A Power Relay
G5LA1A4DC12 OMRON-G5LA1A4DC12 Datasheet
555Kb / 5P
   A Cubic, Single-pole 10A Power Relay
logo
Fuji Electric
FBR160 FUJI-FBR160 Datasheet
56Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com