Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX1H-151.300-10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TX1H-151.300-10
Description  VHF Narrow Band FM transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TX1H-151.300-10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TX1H-151.300-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers TX1H-151.300-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers TX1H-151.300-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers TX1H-151.300-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers TX1H-151.300-10 Datasheet HTML 5Page - List of Unclassifed Manufacturers TX1H-151.300-10 Datasheet HTML 6Page - List of Unclassifed Manufacturers TX1H-151.300-10 Datasheet HTML 7Page - List of Unclassifed Manufacturers TX1H-151.300-10 Datasheet HTML 8Page - List of Unclassifed Manufacturers TX1H-151.300-10 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Radiometrix Ltd.,
BiM1 transceiver, TX1H high power transmitter data sheet
Page 1
Features
Conforms to EN 300 220-3 and EN 301 489-3 (10mW version only)
Standard frequency 151.300MHz
Other frequencies from 120MHz to 180MHz
Available separately as BiM1T transmitter and BiM1R receiver
TX1H is a BiM1T in TX1 pin-out
Data rates up to 10kbps for standard module
Usable range over 10km
Fully screened
Feature-rich interface (RSSI, analogue and digital baseband
Low power requirements
The BiM1 is a half duplex radio transceiver module for use in long range bi-directional data transfer
applications at ranges up to 10kilometres. The module operates on the UK licence exempt frequency of
173.225/173.250MHz with 10mW RF output and Australian frequency of 151.300MHz with 100mW RF
output. The small footprint of 23 x 33mm and low profile of 10mm together with low power
requirements of <80mA (for 100mW) at 3.8V enables convenient PCB installation. BiM1 is also
available as separate BiM1T transmitter and BiM1R receiver which can be used as dual-in-line
equivalents of TX1 transmitter and RX1 receiver respectively.
Applications
EPOS equipment, barcode scanners
Data loggers
Industrial telemetry and telecommand
In-building environmental monitoring and control
High-end security and fire alarms
DGPS systems
Vehicle data up/download
Technical Summary
Size: 33 x 23 x 10mm
Operating frequency: 151.300MHz
Supply range: 100mW Transmitter 3.8V - 15V, Receiver: 3.0V-15V
Supply range: 10mW Transmitter 3.0V - 15V, Receiver: 3.0V-15V
Current consumption: 80mA transmit @ 100mW, 8mA receive
Data bit rate: 10kbps max. (standard module)
RSSI output with >60dBm range
10kbps, -120dBm sensitivity (for 12 dB SINAD)
The BiM1 transceiver modules offer a
100mW RF output VHF data link in
Radiometrix
transceiver
standard
pin-out and footprint. This makes the
BiM1 ideally suited to those low
power applications where existing
wideband
transceivers
provide
insufficient range.
Radiometrix
Hartcran House, 231 Kenton Lane, Harrow, HA3 8RP, England
Issue 3, 14 September 2007
BiM1, TX1H
NE
W
Tel: +44 (0) 20 8909 9595, Fax: +44 (0) 20 8909 2233
VHF Narrow Band FM transceiver
VHF Narrow Band FM transceiver
VHF Narrow Band FM transceiver
VHF Narrow Band FM transceiver
Figure 1: BiM1-151.300-10


Similar Part No. - TX1H-151.300-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX1H-151.300-10 RADIOMETRIX-TX1H-151.300-10 Datasheet
195Kb / 11P
   VHF Narrow Band FM High Power TX
More results

Similar Description - TX1H-151.300-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM1 RADIOMETRIX-BIM1 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
BIM1H RADIOMETRIX-BIM1H Datasheet
243Kb / 11P
   VHF Narrow Band FM 500mW transceiver
TR1M-151-5 RADIOMETRIX-TR1M-151-5 Datasheet
256Kb / 9P
   Narrow Band FM Multi-channel VHF Transceiver
SMX1 RADIOMETRIX-SMX1 Datasheet
149Kb / 8P
   VHF Narrow Band FM Multi channel Transceiver
logo
List of Unclassifed Man...
WP-MKT4 ETC-WP-MKT4 Datasheet
117Kb / 4P
   FM Narrow Band VHF Transmitter Module
logo
Radiometrix Ltd
HX1 RADIOMETRIX-HX1 Datasheet
227Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
HX1 RADIOMETRIX-HX1_14 Datasheet
529Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
logo
rfsolutions.ltd
X2010 RFSOLUTIONS-X2010 Datasheet
65Kb / 6P
   FM Narrow Band Transceiver Modules
logo
Radiometrix Ltd
NIM2 RADIOMETRIX-NIM2 Datasheet
577Kb / 11P
   UHF Narrow Band FM Transceiver
NTR2 RADIOMETRIX-NTR2 Datasheet
407Kb / 10P
   UHF Narrow Band FM Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com