Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BIM1-151.300-10 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # BIM1-151.300-10
Description  VHF Narrow Band FM transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BIM1-151.300-10 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button BIM1-151.300-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers BIM1-151.300-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers BIM1-151.300-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers BIM1-151.300-10 Datasheet HTML 5Page - List of Unclassifed Manufacturers BIM1-151.300-10 Datasheet HTML 6Page - List of Unclassifed Manufacturers BIM1-151.300-10 Datasheet HTML 7Page - List of Unclassifed Manufacturers BIM1-151.300-10 Datasheet HTML 8Page - List of Unclassifed Manufacturers BIM1-151.300-10 Datasheet HTML 9Page - List of Unclassifed Manufacturers BIM1-151.300-10 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Radiometrix Ltd.,
BiM1 transceiver, TX1H high power transmitter data sheet
Page 6
Applications information
Power supply requirements
The BiM1 have built-in regulators which deliver a constant 3.5V to the transmitter (100mW) and 2.8V
to the receiver circuitry when the external supply voltage is 3.8V or greater. This ensures constant
performance up to the maximum permitted rail, and removes the need for external supply decoupling
except in cases where the supply rail is extremely poor (ripple/noise content >0.1Vp-p).
TX modulation requirements
The module is factory-set to produce the specified FM deviation with a TXD input to pin 14 of 3V
amplitude, i.e. 0V “low”, 3V “high
If the data input level is greater than 3V, a resistor must be added in series with the TXD input to limit
the modulating input voltage to a maximum of 3V on pin 7. TXD input resistance is 100k
Ω to ground,
giving typical required resistor values as follows:
Vcc
Series resistor
≤3V
3.3V
5V
9V
-
10 k
68k
220k
Reducing the output power of the BiM1
If the BiM1 is to be used for applications for which the regulatory Effective Radiated Power (ERP) limit
is lower than 100mW its output power can be reduced to comply with relevant regulatory requirements.
This is done by inserting a 10dB attenuator network between the module and the antenna or feed, as
follows:
1
2
3
9
18
10
68R
100R
To antenna
68R
ground foil/
vias to ground plane
50 ohm microstrip lines
to antenna
from TX1
schematic diagram
physical arrangement
Resistors are SMD (0603/0805)
Antenna
RF Ground
RF Ground
Figure 6: 10dB attenuator for BiM1 transceiver, BiM1T transmitter
Keep all tracking around the attenuator network as short as possible, particularly ground paths, and
use matched 50
Ω microstrip lines for input and output connections (track width of 2.5mm if using
1.6mm thick FR4 PCB).
However, this 10dB attenuator will also reduce the sensitivity of the BiM1 transceiver by 10dB.
RF output can also be factory set from +5dBm (3mW) to +20dBm (100mW) depending on minimum
order quantity.


Similar Part No. - BIM1-151.300-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM1-151.300-10 RADIOMETRIX-BIM1-151.300-10 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
More results

Similar Description - BIM1-151.300-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM1 RADIOMETRIX-BIM1 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
BIM1H RADIOMETRIX-BIM1H Datasheet
243Kb / 11P
   VHF Narrow Band FM 500mW transceiver
TR1M-151-5 RADIOMETRIX-TR1M-151-5 Datasheet
256Kb / 9P
   Narrow Band FM Multi-channel VHF Transceiver
SMX1 RADIOMETRIX-SMX1 Datasheet
149Kb / 8P
   VHF Narrow Band FM Multi channel Transceiver
logo
List of Unclassifed Man...
WP-MKT4 ETC-WP-MKT4 Datasheet
117Kb / 4P
   FM Narrow Band VHF Transmitter Module
logo
Radiometrix Ltd
HX1 RADIOMETRIX-HX1 Datasheet
227Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
HX1 RADIOMETRIX-HX1_14 Datasheet
529Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
logo
rfsolutions.ltd
X2010 RFSOLUTIONS-X2010 Datasheet
65Kb / 6P
   FM Narrow Band Transceiver Modules
logo
Radiometrix Ltd
NIM2 RADIOMETRIX-NIM2 Datasheet
577Kb / 11P
   UHF Narrow Band FM Transceiver
NTR2 RADIOMETRIX-NTR2 Datasheet
407Kb / 10P
   UHF Narrow Band FM Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com