Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BIM1-173.250-10 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # BIM1-173.250-10
Description  VHF Narrow Band FM transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BIM1-173.250-10 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button BIM1-173.250-10 Datasheet HTML 7Page - List of Unclassifed Manufacturers BIM1-173.250-10 Datasheet HTML 8Page - List of Unclassifed Manufacturers BIM1-173.250-10 Datasheet HTML 9Page - List of Unclassifed Manufacturers BIM1-173.250-10 Datasheet HTML 10Page - List of Unclassifed Manufacturers BIM1-173.250-10 Datasheet HTML 11Page - List of Unclassifed Manufacturers BIM1-173.250-10 Datasheet HTML 12Page - List of Unclassifed Manufacturers BIM1-173.250-10 Datasheet HTML 13Page - List of Unclassifed Manufacturers BIM1-173.250-10 Datasheet HTML 14Page - List of Unclassifed Manufacturers BIM1-173.250-10 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Radiometrix Ltd.,
BiM1 transceiver, TX1H high power transmitter data sheet
Page 11
2. Microprocessors and microcontrollers tend to radiate significant amounts of radio frequency hash
which can cause desensitisation of the receiver if its antenna is in close proximity. The problem
becomes worse as logic speeds increase, because fast logic edges generate harmonics across the VHF
range which are then radiated effectively by the PCB tracking. In extreme cases system range may
be reduced by a factor of 5 or more. To minimise any adverse effects situate antenna and module as
far as possible from any such circuitry and keep PCB track lengths to the minimum possible. A
ground plane can be highly effective in cutting radiated interference and its use is strongly
recommended.
A simple test for interference is to monitor the receiver RSSI output voltage, which should be the same
regardless of whether the microcontroller or other logic circuitry is running or in reset.
The following types of integral antenna are in common use:
Quarter-wave whip. This consists simply of a piece of wire or rod connected to the module at one end.
At 151MHz the total length should be 471mm from module pin to antenna tip including any
interconnecting wire or tracking. Because of the length of this antenna it is almost always external to
the product casing.
Helical. This is a more compact but slightly less effective antenna formed from a coil of wire. It is very
efficient for its size, but because of its high Q it suffers badly from detuning caused by proximity to
nearby conductive objects and needs to be carefully trimmed for best performance in a given situation.
The size shown is about the maximum commonly used at 151MHz and appropriate scaling of length,
diameter and number of turns can make individual designs much smaller.
Loop. A loop of PCB track having an inside area as large as possible (minimum about 5cm2), tuned and
matched with 2 capacitors. Loops are relatively inefficient but have good immunity to proximity
detuning, so may be preferred in shorter range applications where high component packing density is
necessary.
Integral antenna summary:
whip
helical
loop
Ultimate performance
***
**
*
Ease of design set-up
***
**
*
Size
*
***
**
Immunity to proximity effects
**
*
***
Helical antenna
RF
Loop antenna
RF GND
RF
C
tune
C
match
capacitors may be variable or fixed
(values depend on loop dimensions)
track width = 1mm
min. area 500mm
2
Whip antenna
471mm @ 151MHz
RF
wire, rod, PCB track
or a combination of these
length(mm) = 71250 / freq(MHz)
trim wire length or expand coil
for best results
35-40 turns wire spring
length 120mm, dia 10mm
Figure 8: integral antenna configurations


Similar Part No. - BIM1-173.250-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM1-151.300-10 RADIOMETRIX-BIM1-151.300-10 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
More results

Similar Description - BIM1-173.250-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM1 RADIOMETRIX-BIM1 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
BIM1H RADIOMETRIX-BIM1H Datasheet
243Kb / 11P
   VHF Narrow Band FM 500mW transceiver
TR1M-151-5 RADIOMETRIX-TR1M-151-5 Datasheet
256Kb / 9P
   Narrow Band FM Multi-channel VHF Transceiver
SMX1 RADIOMETRIX-SMX1 Datasheet
149Kb / 8P
   VHF Narrow Band FM Multi channel Transceiver
logo
List of Unclassifed Man...
WP-MKT4 ETC-WP-MKT4 Datasheet
117Kb / 4P
   FM Narrow Band VHF Transmitter Module
logo
Radiometrix Ltd
HX1 RADIOMETRIX-HX1 Datasheet
227Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
HX1 RADIOMETRIX-HX1_14 Datasheet
529Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
logo
rfsolutions.ltd
X2010 RFSOLUTIONS-X2010 Datasheet
65Kb / 6P
   FM Narrow Band Transceiver Modules
logo
Radiometrix Ltd
NIM2 RADIOMETRIX-NIM2 Datasheet
577Kb / 11P
   UHF Narrow Band FM Transceiver
NTR2 RADIOMETRIX-NTR2 Datasheet
407Kb / 10P
   UHF Narrow Band FM Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com