Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7828PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRF7828PBF
Description  HEXFET짰 Power MOSFET for DC-DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7828PBF Datasheet(HTML) 4 Page - International Rectifier

  IRF7828PBF Datasheet HTML 1Page - International Rectifier IRF7828PBF Datasheet HTML 2Page - International Rectifier IRF7828PBF Datasheet HTML 3Page - International Rectifier IRF7828PBF Datasheet HTML 4Page - International Rectifier IRF7828PBF Datasheet HTML 5Page - International Rectifier IRF7828PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IRF7828PbF
4
www.irf.com
Figure 7. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 6. Typical Source-Drain Diode
Forward Voltage
Fig 5. Typical Transfer Characteristics
0.0
0.5
1.0
1.5
VSD, Source-toDrain Voltage (V)
0.1
1.0
10.0
100.0
TJ = 25°C
TJ = 150°C
VGS = 0V
2.0
3.0
4.0
5.0
6.0
VGS, Gate-to-Source Voltage (V)
0.1
1.0
10.0
100.0
TJ = 25°C
TJ = 150°C
VDS = 15V
20µs PULSE WIDTH
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
t1 , Rectangular Pulse Duration (sec)
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )


Similar Part No. - IRF7828PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7828 IRF-IRF7828 Datasheet
479Kb / 6P
   HEXFET Power MOSFET for DC-DC Converters
More results

Similar Description - IRF7828PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7811WPBF IRF-IRF7811WPBF Datasheet
543Kb / 6P
   HEXFET짰 Power MOSFET for DC-DC Converters
IRF7822PBF IRF-IRF7822PBF Datasheet
143Kb / 6P
   HEXFET짰 Power MOSFET for DC-DC Converters
IRF7807PBF IRF-IRF7807PBF Datasheet
203Kb / 8P
   HEXFET짰 Chip-Set for DC-DC Converters
logo
Infineon Technologies A...
IRF7805PBF INFINEON-IRF7805PBF Datasheet
336Kb / 6P
   HEXFET짰 Chip-Set for DC-DC Converters
2016-8-23
logo
International Rectifier
IRF7807TRPBF IRF-IRF7807TRPBF Datasheet
208Kb / 8P
   HEXFET짰 Chip-Set for DC-DC Converters
logo
Infineon Technologies A...
IRF7805PBF-1 INFINEON-IRF7805PBF-1 Datasheet
338Kb / 6P
   HEXFET짰 Chip-Set for DC-DC Converters
2016-08-23
logo
International Rectifier
IRF7805PBF IRF-IRF7805PBF Datasheet
225Kb / 5P
   HEXFET짰 Chip-Set for DC-DC Converters
IRF7811W IRF-IRF7811W Datasheet
146Kb / 6P
   Power MOSFET for DC-DC Converters
IRF7822 IRF-IRF7822 Datasheet
71Kb / 6P
   Power MOSFET for DC-DC Converters
IRF7828 IRF-IRF7828 Datasheet
479Kb / 6P
   HEXFET Power MOSFET for DC-DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com