Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

562R10TST27 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 562R10TST27
Description  Lower Voltage Ceramic Disc Capacitors 1000 VDC Temperature & Voltage Stabilized
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

562R10TST27 Datasheet(HTML) 2 Page - Vishay Siliconix

  562R10TST27 Datasheet HTML 1Page - Vishay Siliconix 562R10TST27 Datasheet HTML 2Page - Vishay Siliconix 562R10TST27 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
ceramite.support@vishay.com
Document Number: 23109
2
Revision: 04-Oct-06
561R & 562R
Vishay Cera-Mite
Lower Voltage Ceramic Disc Capacitors
1000 VDC Temperature & Voltage Stabilized
TAPE & REEL OPTIONS
Tape & Reel available on diameter sizes 0.250" to 0.680"
To specify T & R, add two letter suffix to the ordering code (Details of the packaging code see general section of the catalog)
ORDERING INFORMATION, CERAMIC 1000 VDC TEMPERATURE & VOLTAGE STABILIZED
C
(pF)
TOL.
(%)
D
DIAMETER
INCH (mm)
T
THICKNESS
INCH (mm)
LS
LEAD
SPACE
INCH (mm)
WIRE SIZE
FIG.
ORDERING
CODE
AWG
INCH (mm)
C0G (NP0)
10
± 10 %
0.250 (6.4)
0.156 (4.0)
0.250 (6.4)
24
0.020 (0.51)
2
561R10TSQ10
25
0.290 (7.4)
0.156 (4.0)
0.250 (6.4)
561R10TSQ25
U2J (N750)
27
± 10 %
0.250 (6.4)
0.156 (4.0)
0.250 (6.4)
24
0.020 (0.51)
2
561R10TSQ27
30
561R10TSQ30
33
0.290 (7.4)
0.156 (4.0)
0.250 (6.4)
561R10TSQ33
39
561R10TSQ33
47
561R10TSQ47
50
561R10TSQ50
X5F
56
± 10 %
0.250 (6.4)
0.156 (4.0)
0.250 (6.4)
24
0.020 (0.51)
2
562R10TSQ56
68
562R10TSQ68
75
562R10TSQ75
82
562R10TSQ82
100
562R10TST10
120
562R10TST12
150
562R10TST15
180
562R10TST18
200
562R10TST20
220
562R10TST22
250
562R10TST25
270
562R10TST27
300
562R10TST30
330
562R10TST33
390
562R10TST39
470
562R10TST47
500
562R10TST50
560
0.290 (7.4)
0.156 (4.0)
0.250 (6.4)
562R10TST56
680
562R10TST68
750
562R10TST75
820
562R10TST82
1000
562R10TSD10
1500
0.440 (11.2)
0.156 (4.0)
0.250 (6.4)
22
0.025 (0.64)
1
562R10TSD15
2000
0.490 (12.4)
0.156 (4.0)
0.375 (9.5)
562R10TSD20
2200
0.490 (12.4)
0.156 (4.0)
0.375 (9.5)
562R10TSD22
2700
0.560 (14.2)
0.156 (4.0)
0.375 (9.5)
562R10TSD27
3300
0.560 (14.2)
0.156 (4.0)
0.375 (9.5)
562R10TSD33
4700
0.680 (17.3)
0.156 (4.0)
0.375 (9.5)
562R10TSD47
X5S
0.010 µF
± 10 %
0.680 (17.3)
0.156 (4.0)
0.375 (9.5)
22
0.025 (0.64)
1
562R10TSS10


Similar Part No. - 562R10TST27

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
562R10TST27 VISHAY-562R10TST27 Datasheet
74Kb / 3P
   Lower Voltage Ceramic DC Disc Capacitors
Revision: 15-Feb-13
More results

Similar Description - 562R10TST27

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
562R VISHAY-562R Datasheet
96Kb / 5P
   Lower Voltage Ceramic DC Disc Capacitors 1000 VDC General Purpose
01-Jan-2022
562R5HKZS10 VISHAY-562R5HKZS10 Datasheet
72Kb / 3P
   Lower Voltage Ceramic DC Disc Capacitors 1000 VDC General Purpose
Revision: 07-Feb-13
561R562R VISHAY-561R562R Datasheet
72Kb / 3P
   Lower Voltage Ceramic DC Disc Capacitors 1000 Vdc General Purpose
Revision: 07-Feb-13
561R1DF0T47 VISHAY-561R1DF0T47 Datasheet
74Kb / 3P
   Lower Voltage Ceramic DC Disc Capacitors
Revision: 15-Feb-13
HY935 VISHAY-HY935 Datasheet
152Kb / 3P
   Lower Voltage Disc Capacitors
Revision 14-May-02
564R30GAS10 VISHAY-564R30GAS10 Datasheet
80Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors
Revision: 24-Apr-13
564R VISHAY-564R Datasheet
94Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
Revision: 06-Jul-16
564R VISHAY-564R_V01 Datasheet
117Kb / 8P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
01-Jan-2022
logo
Panasonic Semiconductor
ECK-D3A681KBP PANASONIC-ECK-D3A681KBP Datasheet
46Kb / 3P
   Ceramic Disc Capacitors (High Voltage) /KBP
ECK-D3A102KBP PANASONIC-ECK-D3A102KBP Datasheet
46Kb / 3P
   Ceramic Disc Capacitors (High Voltage) /KBP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com