Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR19-21C-TR8 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # IR19-21C-TR8
Description  0.8mm Height Flat Top Infrared LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR19-21C-TR8 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  IR19-21C-TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR19-21C-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR19-21C-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR19-21C-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR19-21C-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR19-21C-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR19-21C-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IR19-21C-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd IR19-21C-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 2 of 10
Device No:DTR-019-001
Prepared date:07-20-2005
Prepared by:Jaine Tsai
1
Cathode
Anode
21
2
1
2
IR19-21C/TR8
Package Dimensions
Notes: 1.All dimensions are in millimeters
2.Tolerances unless dimensions ±0.1mm
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Units
Continuous Forward Current
IF
65
mA
Peak Forward Current
IFP
1.0
A
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-25 ~ +85
Storage Temperature
Tstg
-40 ~ +85
Soldering Temperature
Tsol
260
Power Dissipation at(or below)
25℃Free Air Temperature
Pd
130
mW
Notes: *1:IFP Conditions--Pulse Width≦100μs and Duty≦1%.
*2:Soldering time≦5 seconds.


Similar Part No. - IR19-21C-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR19-21C-TR8 EVERLIGHT-IR19-21C-TR8_15 Datasheet
226Kb / 9P
   0.8mm Height Flat Top Infrared LED
More results

Similar Description - IR19-21C-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR19-21C-L11-TR8 EVERLIGHT-HIR19-21C-L11-TR8_15 Datasheet
174Kb / 9P
   0.8mm Height Flat Top Infrared LED
EAIST1608A3 EVERLIGHT-EAIST1608A3 Datasheet
638Kb / 9P
   0.8mm Height Flat Top Infrared LED
HIR19-21C EVERLIGHT-HIR19-21C_05 Datasheet
232Kb / 10P
   0.8mm Height Flat Top Infrared LED
SIR19-21C-TR8 EVERLIGHT-SIR19-21C-TR8 Datasheet
235Kb / 9P
   0.8mm Height Flat Top Infrared LED
SIR19-21C EVERLIGHT-SIR19-21C Datasheet
230Kb / 10P
   0.8mm Height Flat Top Infrared LED
SIR19-21C-TR8 EVERLIGHT-SIR19-21C-TR8 Datasheet
230Kb / 9P
   0.8mm Height Flat Top Infrared LED
EAIST1608A0 EVERLIGHT-EAIST1608A0 Datasheet
405Kb / 9P
   0.8mm Height Flat Top Infrared LED
EAIST1608A1 EVERLIGHT-EAIST1608A1 Datasheet
482Kb / 9P
   0.8mm Height Flat Top Infrared LED
HIR19-21C-L11-TR8 EVERLIGHT-HIR19-21C-L11-TR8 Datasheet
237Kb / 10P
   0.8mm Height Flat Top Infrared LED
EAIST1608A2 EVERLIGHT-EAIST1608A2 Datasheet
495Kb / 9P
   0.8mm Height Flat Top Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com