Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34C02 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M34C02
Description  2 Kbit Serial I짼C Bus EEPROM For DIMM Serial Presence Detect
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C02 Datasheet(HTML) 5 Page - STMicroelectronics

  M34C02 Datasheet HTML 1Page - STMicroelectronics M34C02 Datasheet HTML 2Page - STMicroelectronics M34C02 Datasheet HTML 3Page - STMicroelectronics M34C02 Datasheet HTML 4Page - STMicroelectronics M34C02 Datasheet HTML 5Page - STMicroelectronics M34C02 Datasheet HTML 6Page - STMicroelectronics M34C02 Datasheet HTML 7Page - STMicroelectronics M34C02 Datasheet HTML 8Page - STMicroelectronics M34C02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5/19
M34C02
command triggers the internal EEPROM write
cycle.
Acknowledge Bit (ACK)
An acknowledge signal is used to indicate a
successful byte transfer. The bus transmitter,
whether it be master or slave, releases the SDA
bus after sending eight bits of data. During the 9th
clock pulse period, the receiver pulls the SDA bus
low to acknowledge the receipt of the eight data
bits.
Data Input
During data input, the memory device samples the
SDA bus signal on the rising edge of the clock,
SCL. For correct device operation, the SDA signal
must be stable during the clock low-to-high
transition, and the data must change
only when
the SCL line is low.
Memory Addressing
To start communication between the bus master
and the slave memory, the master must initiate a
START condition. Following this, the master sends
the 8-bit byte, shown in Table 3, on the SDA bus
line (most significant bit first). This consists of the
7-bit Device Select Code, and the 1-bit Read/Write
Designator (RW). The Device Select Code is
further subdivided into: a 4-bit Device Type
Identifier, and a 3-bit Chip Enable “Address” (E2,
E1, E0).
To address the memory array, the 4-bit Device
Type Identifier is 1010b. To address the Protection
Register, it is 0110b.
If all three chip enable inputs are connected, up to
eight memory devices can be connected on a
single I2C bus. Each one is given a unique 3-bit
code on its Chip Enable inputs. When the Device
Select Code is received on the SDA bus, the
memory only responds if the Chip Select Code is
the same as the pattern applied to its Chip Enable
pins.
The 8th bit is the read or write bit (RW). This bit is
set to ‘1’ for read and ‘0’ for write operations. If a
match occurs on the Device Select Code, the
corresponding memory gives an acknowledgment
on the SDA bus during the 9th bit time. If the
memory does not match the Device Select code, it
will deselect itself from the bus, and go into stand-
by mode.
Write Operations
Following a START condition the master sends a
Device Select Code with the RW bit set to ’0’, as
shown in Table 4. The memory acknowledges this,
and waits for an address byte. The memory
responds to the address byte with an acknowledge
bit, and then waits for the data byte.
Writing to the memory may be inhibited if the WC
input pin is taken high.
Byte Write
In the Byte Write mode, after the Device Select
Code and the address byte, the master sends one
data byte. If the addressed location is in a write
protected area, the memory replies with a NoAck,
and the location is not modified. If, instead, the
addressed location is not in a write protected area,
the memory replies with an Ack. The master
terminates the transfer by generating a STOP
condition.
Page Write
The Page Write mode allows up to 16 bytes to be
written in a single write cycle, provided that they
are all located in the same ’row’ in the memory:
that is the most significant memory address bits
(b7-b4) are the same. If more bytes are sent than
will fit up to the end of the row, a condition known
as ‘roll-over’ occurs. Data starts to become
overwritten (in a way not formally specified in this
data sheet).
The master sends from one up to 16 bytes of data,
each of which is acknowledged by the memory if
the WC pin is low. If the WC pin is high, the
contents of the addressed memory location are
not modified. After each byte is transferred, the
internal
byte
address
counter
(the
4
least
Table 4. Operating Modes
Note: 1. X =
VIH or VIL.
Mode
RW bit
WC 1
Bytes
Initial Sequence
Current Address Read
1
X
1
START, Device Select, RW = ‘1’
Random Address Read
0X
1
START, Device Select, RW = ‘0’, Address
1
X
reSTART, Device Select, RW = ‘1’
Sequential Read
1
X
≥ 1
Similar to Current or Random Address Read
Byte Write
0
VIL
1
START, Device Select, RW = ‘0’
Page Write
0
VIL
≤ 16
START, Device Select, RW = ‘0’


Similar Part No. - M34C02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34C02-L STMICROELECTRONICS-M34C02-L Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
M34C02-LDW1G STMICROELECTRONICS-M34C02-LDW1G Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
M34C02-LDW1P STMICROELECTRONICS-M34C02-LDW1P Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
M34C02-LDW1TG STMICROELECTRONICS-M34C02-LDW1TG Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
M34C02-LDW1TP STMICROELECTRONICS-M34C02-LDW1TP Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
More results

Similar Description - M34C02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34C02-W STMICROELECTRONICS-M34C02-W Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
M34E02 STMICROELECTRONICS-M34E02 Datasheet
349Kb / 23P
   2 Kbit Serial IC Bus EEPROM Serial Presence Detect for DDR2 DIMMs
M34E04B STMICROELECTRONICS-M34E04B Datasheet
566Kb / 35P
   4-Kbit Serial Presence Detect EEPROM compatible
logo
Seiko Instruments Inc
S-34C04A SII-S-34C04A Datasheet
1Mb / 22P
   FOR DIMM SERIAL PRESENCE DETECT
logo
Catalyst Semiconductor
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
   2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02VP2IGT4A ONSEMI-CAT34C02VP2IGT4A Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02_05 Datasheet
275Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02_05 Datasheet
666Kb / 14P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02 Datasheet
433Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com