Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28F256 Datasheet(PDF) 10 Page - STMicroelectronics

Part # 28F256
Description  256K(32K x8, Chip Erase)FLASH MEMORY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

28F256 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button 28F256 Datasheet HTML 6Page - STMicroelectronics 28F256 Datasheet HTML 7Page - STMicroelectronics 28F256 Datasheet HTML 8Page - STMicroelectronics 28F256 Datasheet HTML 9Page - STMicroelectronics 28F256 Datasheet HTML 10Page - STMicroelectronics 28F256 Datasheet HTML 11Page - STMicroelectronics 28F256 Datasheet HTML 12Page - STMicroelectronics 28F256 Datasheet HTML 13Page - STMicroelectronics 28F256 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image


Similar Part No. - 28F256

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
28F256 STMICROELECTRONICS-28F256 Datasheet
523Kb / 20P
   512 Kbit (64Kb x8 Bulk Erase)Flasxh Memory
logo
Advanced Micro Devices
28F256 AMD-28F256 Datasheet
493Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
28F256 AMD-28F256 Datasheet
456Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
logo
Intel Corporation
28F256L18 INTEL-28F256L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
logo
Numonyx B.V
28F256L18 NUMONYX-28F256L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
More results

Similar Description - 28F256

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28F201 STMICROELECTRONICS-M28F201 Datasheet
179Kb / 21P
   2 Mb 256K x 8, Chip Erase FLASH MEMORY
M28F420 STMICROELECTRONICS-M28F420 Datasheet
245Kb / 38P
   4 Megabit (x8 or x16, Block Erase) FLASH MEMORY
logo
ATMEL Corporation
AT29C256 ATMEL-AT29C256 Datasheet
343Kb / 17P
   256K (32K x 8) 5-volt Only Flash Memory
logo
STMicroelectronics
M28F512 STMICROELECTRONICS-M28F512 Datasheet
523Kb / 20P
   512 Kbit (64Kb x8 Bulk Erase)Flasxh Memory
logo
ATMEL Corporation
AT29LV256 ATMEL-AT29LV256 Datasheet
449Kb / 10P
   256K 32K x 8 3-volt Only CMOS Flash Memory
AT29C257 ATMEL-AT29C257 Datasheet
562Kb / 12P
   256K 32K x 8 5-volt Only CMOS Flash Memory
AT29C256 ATMEL-AT29C256 Datasheet
664Kb / 12P
   256K 32K x 8 5-volt Only CMOS Flash Memory
logo
Intel Corporation
A28F400BX-T INTEL-A28F400BX-T Datasheet
461Kb / 34P
   4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
logo
STMicroelectronics
M28F101 STMICROELECTRONICS-M28F101 Datasheet
197Kb / 23P
   1 Mb 128K x 8, Chip Erase FLASH MEMORY
logo
Sharp Corporation
LHF08S50 SHARP-LHF08S50 Datasheet
1Mb / 34P
   8M Flash Memory 1M (x8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com