Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28F256 Datasheet(PDF) 7 Page - STMicroelectronics

Part # 28F256
Description  512 Kbit (64Kb x8 Bulk Erase)Flasxh Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

28F256 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 28F256 Datasheet HTML 3Page - STMicroelectronics 28F256 Datasheet HTML 4Page - STMicroelectronics 28F256 Datasheet HTML 5Page - STMicroelectronics 28F256 Datasheet HTML 6Page - STMicroelectronics 28F256 Datasheet HTML 7Page - STMicroelectronics 28F256 Datasheet HTML 8Page - STMicroelectronics 28F256 Datasheet HTML 9Page - STMicroelectronics 28F256 Datasheet HTML 10Page - STMicroelectronics 28F256 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image


Similar Part No. - 28F256

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
28F256 STMICROELECTRONICS-28F256 Datasheet
715Kb / 20P
   256K(32K x8, Chip Erase)FLASH MEMORY
logo
Advanced Micro Devices
28F256 AMD-28F256 Datasheet
493Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
28F256 AMD-28F256 Datasheet
456Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
logo
Intel Corporation
28F256L18 INTEL-28F256L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
logo
Numonyx B.V
28F256L18 NUMONYX-28F256L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
More results

Similar Description - 28F256

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F512B STMICROELECTRONICS-M29F512B Datasheet
136Kb / 16P
   512 Kbit 64Kb x8, Bulk Single Supply Flash Memory
M29W512B STMICROELECTRONICS-M29W512B Datasheet
139Kb / 18P
   512 Kbit 64Kb x8, Bulk Low Voltage Single Supply Flash Memory
M27C512 STMICROELECTRONICS-M27C512 Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512 Datasheet
108Kb / 16P
   512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
M27V512 STMICROELECTRONICS-M27V512 Datasheet
108Kb / 16P
   512 Kbit (64Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W512 STMICROELECTRONICS-M27W512_08 Datasheet
187Kb / 22P
   512 Kbit (64 Kbit x8) low-voltage OTP EPROM
June 2008 Rev 4
M28F256 STMICROELECTRONICS-M28F256 Datasheet
715Kb / 20P
   256K(32K x8, Chip Erase)FLASH MEMORY
logo
Silicon Storage Technol...
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE512 GREENLIANT-GLS29EE512 Datasheet
871Kb / 23P
   512 Kbit (64K x8) Page-Write EEPROM
logo
Silicon Storage Technol...
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com