Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS12864ARN-0 Datasheet(PDF) 8 Page - Powertip Technology

Part # PS12864ARN-0
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PS12864ARN-0 Datasheet(HTML) 8 Page - Powertip Technology

Back Button PS12864ARN-0 Datasheet HTML 4Page - Powertip Technology PS12864ARN-0 Datasheet HTML 5Page - Powertip Technology PS12864ARN-0 Datasheet HTML 6Page - Powertip Technology PS12864ARN-0 Datasheet HTML 7Page - Powertip Technology PS12864ARN-0 Datasheet HTML 8Page - Powertip Technology PS12864ARN-0 Datasheet HTML 9Page - Powertip Technology PS12864ARN-0 Datasheet HTML 10Page - Powertip Technology PS12864ARN-0 Datasheet HTML 11Page - Powertip Technology PS12864ARN-0 Datasheet HTML 12Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
Bright
white
color
of
light
source
offers
clear
and
even
illumination
over
large
viewing
area.
Features:
High
Brightness
Long life time.
Low Power consumption
White color emitted
Direct Illumination
Suitable for multi-color and / or dot matrix LCDP.
Edge
Illumination
Thin
structure
type
of
even
illumination
emits
light
from
tube
-
like
light source over a large area.
Precaution
Inverter for CCFL use output high pressure AC current. Therefore, please pay
attention when you handleinverter and power supply cable of LCD backlight.
LED Backlight
Long life, low power consumption and requires a simple power supply. Available colors
are red, green and orange, available in array type illumination or edge illumination.
Features:
Low driving voltage ( DC ) and does not require an inverter.
Long life of 100,000 hours ( average )
No noise occurrence.
Various colors available in red, green and orange etc. (multi-color by alternative switch is
also available)
Operating characteristics of PC2002-A series is 4.2V, 210mA, 250cd/m
Array
Illumination
A
grid
array
of
leaÍs
provide
even
illumination.
Page 2 of 3
Powertip Technology, Inc.
12/10/2004
http://www.powertipusa.com/bl.htm


Similar Part No. - PS12864ARN-0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS12800 ETC2-PS12800 Datasheet
442Kb / 4P
   Current Loop Interface Converter
More results

Similar Description - PS12864ARN-0

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PC1202A POWERTIP-PC1202A Datasheet
82Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602D POWERTIP-PC1602D Datasheet
53Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PC2002-B POWERTIP-PC2002-B Datasheet
78Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-C POWERTIP-PG12232-C Datasheet
86Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PG240160-B POWERTIP-PG240160-B Datasheet
89Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PG640480-A POWERTIP-PG640480-A Datasheet
109Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602-T POWERTIP-PC1602-T Datasheet
76Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-A POWERTIP-PG12232-A Datasheet
85Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-E-33 POWERTIP-PG12232-E-33 Datasheet
51Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PG12864-O POWERTIP-PG12864-O Datasheet
59Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PG320240-M POWERTIP-PG320240-M Datasheet
254Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com