Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF1007 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SAF1007
Description  SAF Series Air Velocity Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SAF1007 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SAF1007 Datasheet HTML 1Page - List of Unclassifed Manufacturers SAF1007 Datasheet HTML 2Page - List of Unclassifed Manufacturers SAF1007 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SAF Series Air Velocity Switch
The solid state SAF Series airflow switch assures dependable thermal control and protec-
tion for air cooled systems. The SAF Series advantages include:
Can drive logic circuits, audible/optical alarms and magnetic relays
Available in sealed and dust-proof versions
Can be socket mounted, PCB or hard wired
Available in 50 to 1500 linear feet per minute ranges
Not affected by ambient temperatures
5 VDC design with low power dissipation
Signal conditioning not required
The advanced SAF Series Airflow Switch provides early detection and protection from overheating in high-end
computer systems and peripherals, large power supplies, HVAC equipment, medical diagnostic systems and other
electronic systems requiring forced air cooling.
The patented* design is based on a heated thermistor which monitors the airstream and detects a loss or
reduction of airflow due to fan failures, clogged filters or obstructions in the air inlet/outlet. The thermistor
temperature and, therefore, its resistance, is affected by changes in air velocity. The SAF thermistor is part of a
sensing bridge which compares its own resistance against a reference circuit and determines the air velocity at
which the device will trigger an output.
The innovative, low profile airflow sensor is easily mountable directly on the most densely populated circuit
boards with as little as .625 inch spacing between boards, in sockets or bracket mount in plenums. All SAF
models are complete, self-contained sensor/alarm devices requiring no additional circuitry.
*US Patent No. 4,686,450


Similar Part No. - SAF1007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAF1032 ETC-SAF1032 Datasheet
614Kb / 14P
   REMOTE CONTROL SYSTEM FOR INFRARED OPERATION
SAF1032P ETC-SAF1032P Datasheet
614Kb / 14P
   REMOTE CONTROL SYSTEM FOR INFRARED OPERATION
SAF1039P ETC-SAF1039P Datasheet
614Kb / 14P
   REMOTE CONTROL SYSTEM FOR INFRARED OPERATION
More results

Similar Description - SAF1007

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D6F-W OMRON-D6F-W_10 Datasheet
420Kb / 4P
   MEMS Air Velocity Sensor
D6F-V03A1 OMRON-D6F-V03A1_10 Datasheet
336Kb / 4P
   MEMS Air Velocity Sensor
logo
E+E Elektronik Ges.m.b....
EE660 EPLUSE-EE660 Datasheet
1Mb / 9P
   Low Air Velocity Sensor
05-2023
logo
Renesas Technology Corp
FS3000 RENESAS-FS3000 Datasheet
433Kb / 13P
   Air Velocity Sensor Module
Rev.1.00 May 31, 2022
logo
E+E Elektronik Ges.m.b....
EE671 EPLUSE-EE671 Datasheet
1Mb / 8P
   HVAC Air Velocity Probe
08-2023
logo
Renesas Technology Corp
FS1015 RENESAS-FS1015 Datasheet
483Kb / 11P
   Air Velocity Sensor Module
Jun 2, 2022
logo
Greystone Energy System...
AVDT GREYSTONE-AVDT Datasheet
233Kb / 2P
   DUCT AIR VELOCITY TRANSMITTER
03/20
logo
E+E Elektronik Ges.m.b....
EE65 EPLUSE-EE65 Datasheet
888Kb / 2P
   Air Velocity Transmitter for HVAC Applications
EE650 EPLUSE-EE650 Datasheet
1Mb / 9P
   Air Velocity Sensor for HVAC Applications
02-2023
EE576 EPLUSE-EE576 Datasheet
826Kb / 7P
   Probe for Very Low Air Velocity
01-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com