Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5238B Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 1N5238B
Description  SILICON PLANAR ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

1N5238B Datasheet(HTML) 2 Page - Continental Device India Limited

  1N5238B Datasheet HTML 1Page - Continental Device India Limited 1N5238B Datasheet HTML 2Page - Continental Device India Limited 1N5238B Datasheet HTML 3Page - Continental Device India Limited 1N5238B Datasheet HTML 4Page - Continental Device India Limited 1N5238B Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SILICON PLANAR ZENER DIODES
1N5223B to 1N5279B
2.7V to 180V
DO- 35
Glass Axial Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
Forward Voltage at IF=200mA
VF <1.1 V
No Suffix +20% tolerance, Suffix 'A' +10% tolerance, and Suffix 'B' +5% tolerance
Device
Nominal
Test
Max Zener
(Note 1)
Voltage
Current
Voltage
VZ at IZT
IZT
Temp. Coeff.
θθVz(Note 3)
ZZT at
ZZK at
IZT
IZK=0.25mA
(A&B Suffix only)
V
mA
α
α V
Z (% /ºC)
1N5243B
13
9.5
13
600
0.079
1N5244B
14
9.0
15
600
0.082
1N5245B
15
8.5
16
600
0.082
1N5246B
16
7.8
17
600
0.083
1N5247B
17
7.4
19
600
0.084
1N5248B
18
7.0
21
600
0.085
1N5249B
19
6.6
23
600
0.086
1N5250B
20
6.2
25
600
0.086
1N5251B
22
5.6
29
600
0.087
1N5252B
24
5.2
33
600
0.088
1N5253B
25
5.0
35
600
0.089
1N5254B
27
4.6
41
600
0.090
1N5255B
28
4.5
44
600
0.091
1N5256B
30
4.2
49
600
0.091
1N5257B
33
3.8
58
700
0.092
1N5258B
36
3.4
70
700
0.093
1N5259B
39
3.2
80
800
0.094
1N5260B
43
3.0
93
900
0.095
1N5261B
47
2.7
105
1000
0.095
1N5262B
51
2.5
125
1100
0.096
1N5263B
56
2.2
150
1300
0.096
1N5264B
60
2.1
170
1400
0.097
1N5265B
62
2.0
185
1400
0.097
1N5266B
68
1.8
230
1600
0.097
1N5267B
75
1.7
270
1700
0.098
1N5268B
82
1.5
330
2000
0.098
1N5269B
87
1.4
370
2200
0.099
1N5223B_5279B Rev_2 080605E
Max Zener
Max Reverse Leakage Current
Impedance
A & B Suffix only
(Note 2)
IR at VR
V
9.9
62
68
10
11
12
13
14
14
15
17
18
19
21
21
23
25
27
30
33
36
39
43
46
47
52
56
µµA
0.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
Continental Device India Limited
Data Sheet
Page 2 of 5


Similar Part No. - 1N5238B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5238B VISHAY-1N5238B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5238B MCC-1N5238B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Vishay Siliconix
1N5238B VISHAY-1N5238B Datasheet
99Kb / 6P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
logo
Tak Cheong Electronics ...
1N5238B TAK_CHEONG-1N5238B Datasheet
332Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Vishay Siliconix
1N5238B VISHAY-1N5238B Datasheet
118Kb / 7P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
More results

Similar Description - 1N5238B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com