Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL817S Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # EL817S
Description  Photocoupler-RoHS Compliant
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL817S Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button EL817S Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL817S Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL817S Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL817S Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL817S Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL817S Datasheet HTML 9Page - Everlight Electronics Co., Ltd EL817S Datasheet HTML 10Page - Everlight Electronics Co., Ltd EL817S Datasheet HTML 11Page - Everlight Electronics Co., Ltd EL817S Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
EVERLIGHT ELETCRONICS CO., LTD
Technical Data Sheet
Photocoupler-RoHS Compliant
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 7
Page: 10 of 12
Device No:DPC-817-001
Prepared date:08-01-2007
Prepared by:Che-Lun Yu
EL817 Series
RELIABILITY PLAN
The reliability of products shall be satisfied with items listed below.
Confidence level : 90 % ,
LTPD : 10 %
Classification
Test Item
Description & Condition
(Acc.)
Sample
Failure
Criteria
Reference
Standard
Operation Life *
Ta = 25
± 3°C
IR: If = 50 mA
Pt: Pc = 130 mW ( Vf=1.4v) ,
1000 hrs
0 / 22
MIL-S-750 : 1026
MIL-S-883 : 1005
JIS C 7021 : B-1
High Temperature / High
Humidity Reverse Bias
(H3TRB)
Ta = 85
± 3°C , Humi. = 85 % rh
Pt: 80% * Vce
(max rating) , 1000 hrs
0 / 22
JIS C 7021 : B-11
High Temperature Reverse
Bias
(HTRB)
Ta = 105
± 3°C
Pt: 100% * Vce (Max rating) ,
1000 hrs
0 / 22
JIS C 7021 : B-8
Low Temperature Storage
Ta = -50
± 3°C , 1000 hrs
0 / 22
JIS C 7021 : B-12
High Temperature Storage
Ta = 125
± 3°C , 1000 hrs
0 / 22
JIS C 7021 : B-10
MIL-S-883 : 1008
Endurance test
Auto clave
P = 15 PSIG , Ta = 121 °C ,
Humi. = 100 % rh ,
48 hrs
0 / 22
JESD 22-A102-B
Temperature Cycling
(Air to Air)
125°C
~
- 55 °C
30
~
30
min
, 100 cycles
0 / 22
MIL-S-883 :1010
JIS C 7021 : A-4
Thermal Shock
(Liquid to Liquid)
125
~
- 55°C
t (dwell) = 5 min
t (trans.) = 10 sec
,
100 cycles
0 / 22
MIL-S-202 : 107D
MIL-S-750 : 1051
MIL-S-883 :1011
Solder Resistance
Ta = 260
± 3°C
t (dwell) = 10
± 1 sec
0 / 22
MIL-S-750 : 2031
JIS C 7021 : A-1
Environmental
Test
Solder Ability
Ta = 230
± 3 °C
t (dwell) = 5
± 1 sec
0 / 22
CTR shift > 1.2
Vf > U* 1.0
Ir > U * 1.0
Vce(sat) >U*1.0
Bvceo < L*1.0
Bveco < L*1.0
L :Low
Spec.Limit
U : Up Spec.
Limit
MIL-S-883 : 2003
JIS C 7021 : A-2


Similar Part No. - EL817S

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL817S EVERLIGHT-EL817S Datasheet
387Kb / 13P
   Photocoupler-RoHS Compliant
EL817S EVERLIGHT-EL817S Datasheet
354Kb / 12P
   Technical Data Sheet Photocoupler
More results

Similar Description - EL817S

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL817 EVERLIGHT-EL817 Datasheet
387Kb / 13P
   Photocoupler-RoHS Compliant
logo
Shenzhen Luguang Electr...
EL817 LUGUANG-EL817 Datasheet
438Kb / 12P
   Technical Data Sheet Photocoupler-RoHS Compliant
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com