Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11A2 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # H11A2
Description  6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

H11A2 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  H11A2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd H11A2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd H11A2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd H11A2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd H11A2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd H11A2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd H11A2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd H11A2 Datasheet HTML 8Page - Everlight Electronics Co., Ltd H11A2 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
6 PIN DIP PHOTOTRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
4
http:\\www.everlight.com
Document No:DPC-717-044 Rev. 3
April 1, 2008
4N2X Series
4N3X Series
H11AX Series
Transfer Characteristics (Ta=25°C unless specified otherwise)
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
4N35, 4N36,
4N37
100
-
-
H11A1
50
-
-
H11A5
30
-
-
4N25, 4N26,
4N38,
H11A2, H11A3
20
-
-
Current
transfer
ratio
4N27, 4N28,
H11A4
CTR
10
-
-
%
IF = 10mA, VCE = 10V
4N25, 4N26,
4N27, 4N28
-
-
0.5
IF = 50mA, Ic = 2mA
4N35, 4N36,
4N37
-
-
0.3
H11A1,
H11A2,
H11A3,
H11A4,
H11A5
-
-
0.4
IF = 10mA, Ic = 0.5mA
Collector-Emitter
saturation
voltage
4N38
VCE(sat)
-
-
1.0
V
IF = 20mA, Ic = 4mA
Isolation resistance
RIO
10
11
-
-
Ω
VIO = 500Vdc
Input-output capacitance
CIO
-
0.2
-
pF
VIO = 0, f = 1MHz
4N25, 4N26,
4N27, 4N28,
H11A1,
H11A2,
H11A3,
H11A4,
H11A5
-
3
10
VCC = 10V, IF = 10mA,
RL = 100Ω
See Fig. 11
Turn-on time
4N35, 4N36,
4N37, 4N38
Ton
-
10
12
µs
VCC = 10V, IC = 2mA,
RL = 100Ω, See Fig. 11
4N25, 4N26,
4N27, 4N28,
H11A1,
H11A2,
H11A3,
H11A4
-
3
10
VCC = 10V, IF = 10mA,
RL = 100Ω
See Fig. 11
Turn-off time
4N35, 4N36,
4N37, 4N38
Toff
-
9
12
µs
VCC = 10V, IC = 2mA,
RL = 100Ω, See Fig. 11
* Typical values at Ta = 25°C


Similar Part No. - H11A2

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H11A2 QT-H11A2 Datasheet
325Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11A2 FAIRCHILD-H11A2 Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11A2 FAIRCHILD-H11A2 Datasheet
608Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Rohm
H11A2 ROHM-H11A2 Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11A2 FAIRCHILD-H11A2 Datasheet
210Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - H11A2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
4N2X EVERLIGHT-4N2X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X Datasheet
419Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
H11AAX EVERLIGHT-H11AAX_15 Datasheet
828Kb / 12P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
CNY17-X EVERLIGHT-CNY17-X Datasheet
400Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X Datasheet
364Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
CNY17-X EVERLIGHT-CNY17-X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
H11AA1S1 EVERLIGHT-H11AA1S1 Datasheet
1Mb / 12P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
logo
Sharp Corporation
PC715V0NSZXF SHARP-PC715V0NSZXF Datasheet
217Kb / 13P
   DIP 6 pin Darlington Phototransistor Output Photocoupler
logo
Everlight Electronics C...
H11AAX EVERLIGHT-H11AAX Datasheet
408Kb / 12P
   6 PIN DIP PHOTOTRANSISTOR AC INPUT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com