Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLT4330412E Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GLT4330412E
Description  433MHz, 25mW GIGALINK??TRANSMITTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLT4330412E Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GLT4330412E Datasheet HTML 1Page - List of Unclassifed Manufacturers GLT4330412E Datasheet HTML 2Page - List of Unclassifed Manufacturers GLT4330412E Datasheet HTML 3Page - List of Unclassifed Manufacturers GLT4330412E Datasheet HTML 4Page - List of Unclassifed Manufacturers GLT4330412E Datasheet HTML 5Page - List of Unclassifed Manufacturers GLT4330412E Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT4330412E Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT4330412E Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ELSEMA
1,2,3,4,8 -Channel 433MHz,25mWatt Transmitter.
Technical Data
Model
GLT4330112E, GLT4330212E, GLT4330412E, GLT4330812E,
GLT433xx12NC
Power Supply
11- 24V DC
Current Consumption
Max 45mA
Standby Current
20uA (Typical)
Battery Monitor
LED flashes at 1Hz, during transmission, when battery voltage is
at 6.5V (flat 9V battery)
Normal Operation
The LED flickers at 12.5Hz during normal operation
Operating Freq
433.920MHz (Other frequencies available on request. Refer to
the table below )
Carrier Freq Tolerance
Crystal controlled 30 parts per million
Operating Temperature
Range
-5 to 50°C
Radiated RF Power Output
25mW
Antenna
ANT433SSMA
Type of Emission
AM 100% depth
Freq Deviation Limiting
1600 - 1900Hz non-return to zero
Modulation Freq
120Hz to 1.8kHz (15% tolerance)
Spurious Transmission
Less than -40dBm
Necessary Bandwidth
±2.5kHz
Digital Coding System
Microcontroller based 96-bit word
Code Combination
Approximately 4.3 billion
Dimension
90 X 56 X 15 mm (PCB
Assembly)
140 X 60 X 34 mm (Enclosed).
Weight
51g excluding battery
225 grams
Useable Receivers
GLR433... series
Useable Operating Range
Up to 1.5 Km when used with ANT433SSMA
Available Frequencies
SF2
433.664 MHz
SF3
433.408 MHz
SF4
433.152 MHz
SF5
434.688MHz
SF6
434.432 MHz
SF7
434.176MHz
SF8
433.792 MHz
SF9
434.304 MHz
Please quote Correct SF number when ordering transmitters on special frequencies.


Similar Part No. - GLT4330412E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT41016 ETC-GLT41016 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-30J4 ETC-GLT41016-30J4 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-30TC ETC-GLT41016-30TC Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-35J4 ETC-GLT41016-35J4 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-35TC ETC-GLT41016-35TC Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
More results

Similar Description - GLT4330412E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6139A2 TI1-TPA6139A2_16 Datasheet
1Mb / 28P
[Old version datasheet]   25mW Headphone Amplifier
logo
UnitedSiC.
UJ3N065025K3S UNITEDSIC-UJ3N065025K3S Datasheet
396Kb / 9P
   25mW - 650V SiC Normally-On JFET
Rev. B, December 2018
logo
Golledge Electronics Lt...
MA05693 GOLLEDGE-MA05693 Datasheet
133Kb / 4P
   SAW Filter 433MHz
logo
Melexis Microelectronic...
EVB7107 MELEXIS-EVB7107 Datasheet
252Kb / 10P
   315/433MHz Transmitter
logo
Anpec Electronics Corop...
APA2177 ANPEC-APA2177 Datasheet
417Kb / 20P
   25mW Stereo Cap-Free Headphone Driver
logo
Melexis Microelectronic...
TH72011 MELEXIS-TH72011 Datasheet
529Kb / 20P
   433MHz FSK Transmitter
TH72011 MELEXIS-TH72011_17 Datasheet
1Mb / 21P
   433MHz FSK Transmitter
TH72012 MELEXIS-TH72012 Datasheet
517Kb / 20P
   433MHz ASK Transmitter
TH72012 MELEXIS-TH72012_17 Datasheet
1Mb / 21P
   433MHz ASK Transmitter
logo
Diodes Incorporated
PAM8901 DIODES-PAM8901 Datasheet
612Kb / 13P
   25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com