Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2974B-UYC-S530-A3 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # A2974B-UYC-S530-A3
Description  ARRAY - Plastic HolderCombinations of Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

A2974B-UYC-S530-A3 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  A2974B-UYC-S530-A3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd A2974B-UYC-S530-A3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd A2974B-UYC-S530-A3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd A2974B-UYC-S530-A3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd A2974B-UYC-S530-A3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd A2974B-UYC-S530-A3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Device Number :
CDAE-297-003
REV.:
2
PART NO. :
A2974B/UYC-/S530-A3
ECN :
Page:
6
6
Reliability test items and conditions
NO
Item
Test Conditions
Test
Hours/Cycle
Sample
Size
Ac/Re
1
Solder Heat
TEMP : 260℃ ± 5 ℃
5 SEC
76 PCS
0/1
H : +85℃ 30min
2
Temperature Cycle
∫ 5 min
50 CYCLES
76 PCS
0/1
L : -55℃ 30min
H : +100℃ 5min
3
Thermal Shock
∫ 10 sec
50 CYCLES
76 PCS
0/1
L : -10℃ 5min
4
High Temperature
Storage
TEMP : 100℃
1000 HRS
76 PCS
0/1
5
Low Temperature
Storage
TEMP : -55℃
1000 HRS
76 PCS
0/1
7
High Temperature /
High Humidity
85℃/85% RH
1000 HRS
76 PCS
0/1
EVERLIGHT ELECTRONICS CO.,LTD.
76 PCS
0/1
IF =20mA
6
DC Operating Life
TEMP : 25℃
1000 HRS


Similar Part No. - A2974B-UYC-S530-A3

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A29 DBLECTRO-A29 Datasheet
284Kb / 1P
   ULTRA ATA BUS CONNECTOR
logo
List of Unclassifed Man...
A29 ETC2-A29 Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
logo
Tyco Electronics
A29-1 MACOM-A29-1 Datasheet
112Kb / 1P
   10 TO 1500 MHz CASCADABLE AMPLIFIER
A29-1 MACOM-A29-1 Datasheet
367Kb / 2P
   Cascadable Amplifier 10 to 1500 MHz
logo
M/A-COM Technology Solu...
A29-1 MA-COM-A29-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1500 MHz
More results

Similar Description - A2974B-UYC-S530-A3

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
155-1485 GILWAY-155-1485 Datasheet
59Kb / 1P
   H190 HOLDER FOR ML11 LAMPS
logo
Cherry Semiconductor Co...
06090760 CHERRY-06090760 Datasheet
6Mb / 8P
   Assemblies and combinations
06091348 CHERRY-06091348 Datasheet
6Mb / 8P
   Assemblies and combinations
logo
P-tec Corporation
PL83-WDRG2115 P-TEC-PL83-WDRG2115 Datasheet
76Kb / 1P
   Multi-Color combinations
logo
Cherry Semiconductor Co...
06090801 CHERRY-06090801 Datasheet
6Mb / 8P
   Assemblies and combinations
06090803 CHERRY-06090803 Datasheet
6Mb / 8P
   Assemblies and combinations
logo
LIGITEK electronics co....
LA162B-5-G.H.G.EG.G LIGITEK-LA162B-5-G.H.G.EG.G Datasheet
313Kb / 1P
   ARRAY WITH LED LAMPS
logo
Molex Electronics Ltd.
1804160104 MOLEX10-1804160104 Datasheet
51Kb / 1P
   LED Array Holder for Citizen CLL040
logo
List of Unclassifed Man...
MCAK304NWWB ETC2-MCAK304NWWB Datasheet
461Kb / 2P
   Keypad Plastic, Array
logo
Cherry Semiconductor Co...
06090799 CHERRY-06090799 Datasheet
6Mb / 8P
   Assemblies and combinations
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com