Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELD-306SYGWA-S530-E2 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # ELD-306SYGWA-S530-E2
Description  0.3 inch Dual Digit Displays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELD-306SYGWA-S530-E2 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  ELD-306SYGWA-S530-E2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELD-306SYGWA-S530-E2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELD-306SYGWA-S530-E2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELD-306SYGWA-S530-E2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELD-306SYGWA-S530-E2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELD-306SYGWA-S530-E2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.3" Dual Digit Displays
ELD-306SYGWA/S530-E2
█ Reliability test items and conditions:
The reliability of products shall be satisfied with items listed below.
Confidence level:97%
LTPD:3%
NO
Item
Test Conditions
Test
Hours/Cycle
Sample Size
Failure
Judgment
Criteria
Ac/Re
1
Solder Heat
TEMP : 260℃ ± 5 ℃
5 SEC
76 PCS
0/1
H : +85℃ 30min
2
Temperature Cycle
∫ 5 min
50 CYCLE
76 PCS
0/1
L : -55℃ 30min
H : +100℃ 5min
3
Thermal Shock
∫ 10 sec
50 CYCLE
76 PCS
0/1
L : -10℃ 5min
4
High Temperature Storage
TEMP : 100℃
1000 HRS
76 PCS
0/1
5
Low Temperature Storage
TEMP : -55℃
1000 HRS
76 PCS
0/1
6
DC Operating Life
IF = 10 mA
1000 HRS
76 PCS
0/1
7
High Temperature / High
Humidity
85℃/85% RH
1000 HRS
76 PCS
0/1
Note: Ivt:The test Iv value of the chip before the reliablility test
Iv:The test value of the chip that has completed the reliablility test
U:Upper Specification Limit
L: Lower Specification Limit
http : //www.everlight.com
Rev. : 1
Page: 5 of 6
Device Number :CDDD-306-066
Prepared date:2005/7/13
Prepared by: YanLi Zhong
Iv≦Ivt*0.5
or
Vf≧U
or
Vf≦L
EVERLIGHT ELECTRONICS CO.,LTD.


Similar Part No. - ELD-306SYGWA-S530-E2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD-306SURWA EVERLIGHT-ELD-306SURWA Datasheet
134Kb / 7P
   0.3 inch Dual Digit Displays
ELD-306SURWA-S530-A3 EVERLIGHT-ELD-306SURWA-S530-A3 Datasheet
134Kb / 7P
   0.3 inch Dual Digit Displays
ELD-306SURWA-S530-A3 EVERLIGHT-ELD-306SURWA-S530-A3_09 Datasheet
129Kb / 6P
   0.3" Dual Digit Displays
ELD-306SURWA/S530-A3 EVERLIGHT-ELD-306SURWA/S530-A3 Datasheet
134Kb / 7P
   0.3 inch Dual Digit Displays
More results

Similar Description - ELD-306SYGWA-S530-E2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD-305SYGWA EVERLIGHT-ELD-305SYGWA Datasheet
123Kb / 6P
   0.3 inch Dual Digit Displays
ELD-305USOWA EVERLIGHT-ELD-305USOWA Datasheet
122Kb / 6P
   0.3 inch Dual Digit Displays
ELD-306USOWA EVERLIGHT-ELD-306USOWA Datasheet
125Kb / 6P
   0.3 inch Dual Digit Displays
ELD-306SURWA EVERLIGHT-ELD-306SURWA Datasheet
134Kb / 7P
   0.3 inch Dual Digit Displays
ELD-305SURWA EVERLIGHT-ELD-305SURWA Datasheet
132Kb / 7P
   0.3 inch Dual Digit Displays
ELD-306SURWA-S530-A3 EVERLIGHT-ELD-306SURWA-S530-A3_09 Datasheet
129Kb / 6P
   0.3" Dual Digit Displays
logo
Micro Electronics
MR231A MICRO-ELECTRONICS-MR231A Datasheet
61Kb / 2P
   0.3 DUAL DIGIT NUMBERIC DISPLAYS
MS213A MICRO-ELECTRONICS-MS213A Datasheet
75Kb / 2P
   0.3 DUAL DIGIT NUMERIC DISPLAYS
logo
Unity Opto Technology
UVD-32X UOT-UVD-32X Datasheet
72Kb / 5P
   0.3 inch ( 7.62 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
logo
Kingbright Corporation
SA03-11EWA KINGBRIGHT-SA03-11EWA Datasheet
153Kb / 5P
   7MM (0.3 INCH) SINGLE DIGIT NUMERIC DISPLAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com