Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM8562BGIN252 Datasheet(PDF) 4 Page - Champion Microelectronic Corp.

Part # CM8562BGIN252
Description  1.8A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM8562BGIN252 Datasheet(HTML) 4 Page - Champion Microelectronic Corp.

  CM8562BGIN252 Datasheet HTML 1Page - Champion Microelectronic Corp. CM8562BGIN252 Datasheet HTML 2Page - Champion Microelectronic Corp. CM8562BGIN252 Datasheet HTML 3Page - Champion Microelectronic Corp. CM8562BGIN252 Datasheet HTML 4Page - Champion Microelectronic Corp. CM8562BGIN252 Datasheet HTML 5Page - Champion Microelectronic Corp. CM8562BGIN252 Datasheet HTML 6Page - Champion Microelectronic Corp. CM8562BGIN252 Datasheet HTML 7Page - Champion Microelectronic Corp. CM8562BGIN252 Datasheet HTML 8Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CM8562B
1.8A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
2008/04/15 Rev. 1.0
Champion Microelectronic Corporation
Page 4
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
VIN, VCCA, VFB …................................…....……………..7V
Output RMS Current, Source or Sink .....…………........…...1.8A
Lead Temperature (Soldering, 5 sec)……………….. 260°C
Thermal Resistance(θJC)………….…… 14°C/W (PSOP-8)
Storage Temperature ……................……. -65°C to 125°C
Thermal Resistance(θJC)…………….…… 8°C/W (TO-252)
Thermal Resistance(θJA)……………………...…… 75°C/W
ELECTRICAL CHARACTERISTICS (Unless otherwise stated, these specifications apply T
A=25°C;
VIN=+2.5V and VCCA=+3.3V, VREFEN=1.25V)
maximum ratings are stress ratings only and functional device operation is not
implied. (Note 1)
CM8562B
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOS
Output Offset Voltage
IOUT=0A (Note 2)
-20
20
mV
IOP
Operating Current at VIN
No load, Cout=200uF
1
mA
IL: 0A -> 1.8A
0.8/1.2
2/3
%
|Δ
VLOAD
Load Regulation (DDR I/II)
IL: 0A -> -1.8A
0.8/1.2
2/3
%
VCCA>VOUT+1.9V
Iout=1.8A
0.3
0.4
V
VDROPOUT
Dropout Voltage
VCCA>VOUT+1.9V
Iout=1.5A
0.2
0.25
V
ICCQ
Quiescent Current at VCCA
At Room Temp.
190
230
μA
ISHDN
Current in Shutdown Mode
REFEN<0.2V, RL = 10
Ohm
90
110
μA
VIN
Input Voltage Range (Note 3)
No Load
1
2.5/1.8
6
V
VCCA
Input Voltage Range (Note 3)
RL = 10 Ohm
3.15
3.3
6
V
SHORT CIRCUIT PROTECTION
ILIMIT
Current Limit
5
A
ISC,VIN
Short Current
Sinking
2
A
ISC,GND
Short Current
Sourcing
2
A
OVER THERMAL PROTECTION
THSD
Thermal Shutdown Temperature
3.15V<=VCCA<=6V
110
125
135
Thermal Shutdown Hysteresis
25
30
35
REFEN FUNCTION
REFEN Threshold
VREFEN < VIN
VREFEN < VCCA – 1.9V
0.4
0.5
0.6
V
Note 1:
Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions
Note 2:
VOS = VREFEN – VOUT
Note 3:
Keep VCCA >= VIN and VCCA >=VREFEN + 1.9V on operation power on and power off sequences
Note 4:
Guaranteed by design, not 100% test


Similar Part No. - CM8562BGIN252

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM8562BGIN252 CHAMP-CM8562BGIN252 Datasheet
232Kb / 8P
   1.8A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
More results

Similar Description - CM8562BGIN252

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM8562B CHAMP-CM8562B_08 Datasheet
232Kb / 8P
   1.8A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
CM8562P CHAMP-CM8562P Datasheet
225Kb / 7P
   2A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
CM8562 CHAMP-CM8562 Datasheet
277Kb / 8P
   2A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
CM8562A CHAMP-CM8562A Datasheet
225Kb / 7P
   2A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
logo
Excelliance MOS Corp.
EM5045 EXCELLIANCE-EM5045 Datasheet
1Mb / 8P
   1.8A Sink/Source Bus Termination Regulator
logo
Richtek Technology Corp...
RT9045 RICHTEK-RT9045 Datasheet
180Kb / 11P
   Cost-Effective, 1.8A Sink/Source Bus Termination Regulator
logo
List of Unclassifed Man...
CM8561 ETC-CM8561 Datasheet
119Kb / 5P
   1.5A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
CM8562P ETC1-CM8562P Datasheet
168Kb / 5P
   2A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
logo
Unisonic Technologies
UR6516B UTC-UR6516B Datasheet
159Kb / 6P
   2A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
logo
List of Unclassifed Man...
CM8562 ETC-CM8562 Datasheet
142Kb / 7P
   2A SINK SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com